Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9173 Datasheet HTML 48Page - Analog Devices AD9173 Datasheet HTML 49Page - Analog Devices AD9173 Datasheet HTML 50Page - Analog Devices AD9173 Datasheet HTML 51Page - Analog Devices AD9173 Datasheet HTML 52Page - Analog Devices AD9173 Datasheet HTML 53Page - Analog Devices AD9173 Datasheet HTML 54Page - Analog Devices AD9173 Datasheet HTML 55Page - Analog Devices AD9173 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 52 of 144
nel half-band cascaded configuration is shown in Figure 70, with
each of the useable bandwidths of the channel interpolation filters
listed in Table 37.
Figure 70. Channel Interpolation Half-Band Filter Block Diagram
Table 37. Channel Interpolation Useable Bandwidths and Rejection
Half-Band Filter
Bandwidth
(×fIN_FILTER1) (%)
Stop Band Rejection (dB)
HB0
80
85
TB0
54
85
HB1
40
85
HB2
27
85
1 fIN_FILTER is the frequency at the input of the half-band filter.
Channel Digital Modulation
The AD9173 has digital modulation features to modulate the base-
band quadrature signal to a desired frequency. There are two
stages of complex digital modulation available in the AD9173:
channel modulation and main modulation. Each main DAC has
three channels, each with its own NCO, that can individually mod-
ulate the data from each channel with a unique frequency and
phase offset. The AD9173 is equipped with several NCO modes.
The default NCO is a 48-bit, integer NCO. There is an additional
modulus option for each channel NCO where the A/B ratio of the
dual modulus NCO allows the output frequency to be synthesized
with very fine precision. NCO mode is selected as shown in Table
38. These controls are paged per the channel page masks in the
CHANNEL_PAGE bits (Register 0x008, Bits[5:0]).
Table 38. Channel Modulation Mode Selection
Modulation Mode
Modulation Type
Register 0x130, Bit 6 Register 0x130, Bit 2
None
0b0
0b0
48-Bit Integer NCO
0b1
0b0
48-Bit Dual Modulus NCO
0b1
0b1
The channel NCO blocks also contain sideband selection controls
as well as options for how the FTW and phase offset controls are
updated.
Calculate the phase offset word control as follows:
−180° ≤ Degrees Offset ≤ +180°
Degrees Offset = 180° × (DDSC_NCO_PHASE_OFFSET/215)
where DDSC_NCO_PHASE_OFFSET is a 16-bit twos complement
value programmed in the registers listed in Table 39.
Table 39. Channel NCO Phase Offset Registers
Address
Value
Description
0x138
DDSC_NCO_PHASE_OFFSET[7:0]
8 LSBs of phase offset
0x139
DDSC_NCO_PHASE_OFFSET[15:8] 8 MSBs of phase offset
48-Bit Dual Modulus NCO
The 48-bit dual modulation mode uses an NCO, a phase shifter,
and a complex modulator to modulate the signal by a programma-
ble carrier signal, as shown in Figure 71. This configuration allows
output signals to be placed anywhere in the output spectrum up to
±fNCO/2 with very fine frequency resolution.
The NCO produces a quadrature carrier to translate the input
signal to a new center frequency. A quadrature carrier is a pair of
sinusoidal waveforms of the same frequency, offset 90° from each
other. The frequency of the quadrature carrier is set via a FTW. The
quadrature carrier is mixed with the I and Q data and then summed
into the I and Q datapaths, as shown in Figure 71.
Integer NCO Mode
The channel 48-bit NCOs can be used as integer NCOs. The
FTW for the channel NCOs depends on the speed at which the
channel NCO block is running (fNCO), which is the same rate as the
summing node (maximum of 1.54 GSPS) and can be calculated by
using the following formulas:
fNCO = fDATA × Channel Interpolation
or
fNCO = fDAC/Main Interpolation = fSUMMING_NODE
The FTWs for each individual channel can be programmed sepa-
rately and are calculated by using the following formula:
−fNCO/2 ≤ fCARRIER < +fNCO/2
DDSC_FTW = (fCARRIER/fNCO) × 248
where DDSC_FTW is a 48-bit, twos complement number.
The frequency tuning word is set as shown in Table 40.
Table 40. Channel NCO FTW Registers
Address
Value
Description
0x132
DDSC_FTW[7:0]
8 LSBs of FTW
0x133
DDSC_FTW[15:8]
Next 8 bits of FTW
0x134
DDSC_FTW[23:16]
Next 8 bits of FTW
0x135
DDSC_FTW[31:24]
Next 8 bits of FTW
0x136
DDSC_FTW[39:32]
Next 8 bits of FTW
0x137
DDSC_FTW[47:40]
8 MSBs of FTW
Unlike other registers, the FTW registers are not updated immedi-
ately upon writing. Instead, the FTW registers update on the rising
edge of DDSC_FTW_LOAD_REQ (Register 0x131, Bit 0). After an
update request, DDSC_FTW_LOAD_ACK (Register 0x131, Bit 1)
must be high to acknowledge that the FTW has updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com