Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9173 Datasheet HTML 52Page - Analog Devices AD9173 Datasheet HTML 53Page - Analog Devices AD9173 Datasheet HTML 54Page - Analog Devices AD9173 Datasheet HTML 55Page - Analog Devices AD9173 Datasheet HTML 56Page - Analog Devices AD9173 Datasheet HTML 57Page - Analog Devices AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 56 of 144
Table 42. PDP Threshold and Power Calculation Controls
Register
Bits
Control
0x583
[7:0]
LONG_PA_THRESHOLD[7:0]
0x584
[4:0]
LONG_PA_THRESHOLD[12:8]
0x586
[7:0]
LONG_PA_POWER[7:0]
0x587
[4:0]
LONG_PA_POWER[12:8]
0x588
[7:0]
SHORT_PA_THRESHOLD[7:0]
0x589
[4:0]
SHORT_PA_THRESHOLD[12:8]
0x58B
[7:0]
SHORT_PA_POWER[7:0]
0x58C
[4:0]
SHORT_PA_POWER[12:8]
Main Datapath Interpolation
The main digital datapath interpolation options available are bypass
(1×), 2×, 4×, 6×, 8× and 12×. Each of the half-band filters used
for interpolation have 80% bandwidths with 85 dB of stop band
rejection. The channel half-band cascaded configuration is shown
in Figure 75, with each of the useable bandwidths of the channel
interpolation filters listed in Table 43.
Figure 75. Main Datapath Interpolation Half-Band Filter Block Diagram
Table 43. Main Datapath Interpolation Useable Bandwidths and Rejection
Half-Band Filter
Bandwidth
(×fIN_FILTER)
Stop Band Rejection (dB)
HB3
80%
85
HB4
40%
85
TB1
27%
85
HB5
20%
85
Main Digital Modulation
The AD9173 has digital modulation features to modulate the base-
band quadrature signal to a desired frequency. There are two
stages of complex digital modulation available in the AD9173; chan-
nel modulation and main modulation. Each main DAC has a final
main NCO that can individually modulate each main DAC datapath
with a unique frequency and phase offset. The AD9173 is equipped
with several NCO modes. The default NCO is a 48-bit, integer
NCO. There is an additional modulus option for each main DAC
datapath NCO where the A/B ratio of the dual modulus NCO allows
the output frequency to be synthesized with very fine precision.
NCO mode is selected as shown in Table 44. These controls are
paged per the main DAC page masks, MAINDAC_PAGE (Register
0x008, Bits [7:6]).
Table 44. Main Modulation Mode Selection
Modulation Mode
Modulation Type
Register 0x112, Bit 3 Register 0x112, Bit 2
None
0b0
0b0
48-Bit Integer NCO
0b1
0b0
Table 44. Main Modulation Mode Selection
Modulation Mode
Modulation Type
Register 0x112, Bit 3 Register 0x112, Bit 2
48-Bit Dual Modulus NCO
0b1
0b1
The main NCO blocks also contain sideband selection controls as
well as options for how the FTW and phase offset controls are
updated.
Calculate the phase offset word control as follows:
−180° ≤ Degrees Offset ≤ +180°
Degrees Offset = 180° × (DDSM_NCO_PHASE_OFFSET/215)
where DDSM_NCO_PHASE_OFFSET is a 16-bit twos complement
value programmed in the registers listed in Table 45.
Table 45. Main Datapath NCO Phase Offset Registers
Address
Value
Description
0x11C
DDSM_NCO_PHASE_OFFSET[7:0]
8 LSBs of phase offset
0x11D
DDSM_NCO_PHASE_OFFSET [15:8] 8 MSBs of phase offset
48-Bit Dual Modulus NCO
This modulation mode uses an NCO, a phase shifter, and a com-
plex modulator to modulate the signal by a programmable carrier
signal, as shown in Figure 71. This configuration allows output
signals to be placed anywhere in the output spectrum up to ±fNCO/2
with very fine frequency resolution.
The NCO produces a quadrature carrier to translate the input
signal to a new center frequency. A quadrature carrier is a pair of
sinusoidal waveforms of the same frequency, offset 90° from each
other. The frequency of the quadrature carrier is set via a FTW. The
quadrature carrier is mixed with the I and Q data and then summed
into the I and Q datapaths, as shown in Figure 71.
Integer NCO Mode
The channel 48-bit NCOs can be used as integer NCOs. The FTW
for the channel NCOs depends on the speed at which the main
NCO block is running (fDAC), which is the same rate as the DAC
sample rate (12.6 GSPS, maximum) and can be calculated by
using the following formula:
fDAC = fDATA × Channel Interpolation × Main Interpolation
The FTWs for each individual channel can be programmed sepa-
rately and are calculated using the following formula:
−fDAC/2 ≤ fCARRIER < +fDAC/2
DDSM_FTW = (fCARRIER/fDAC) × 248
where DDSM_FTW is a 48-bit, twos complement number.
The frequency tuning word is set as shown in Table 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com