Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9173 Datasheet HTML 5Page - Analog Devices AD9173 Datasheet HTML 6Page - Analog Devices AD9173 Datasheet HTML 7Page - Analog Devices AD9173 Datasheet HTML 8Page - Analog Devices AD9173 Datasheet HTML 9Page - Analog Devices AD9173 Datasheet HTML 10Page - Analog Devices AD9173 Datasheet HTML 11Page - Analog Devices AD9173 Datasheet HTML 12Page - Analog Devices AD9173 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
Data Sheet
AD9173
SPECIFICATIONS
analog.com
Rev. C | 9 of 144
Table 5.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
Current Output
High
IOH
4
mA
Low
IOL
4
mA
INTERRUPT OUTPUTS (IRQ0, IRQ1)
Voltage Output
High
VOH
1.71
V
Low
VOL
0.075
V
DIGITAL INPUT DATA TIMING SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC IOUTFS = 20 mA, unless otherwise noted.
For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which corresponds to TJ = 51°C.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LATENCY1
Channel Interpolation Factor, Main
Datapath Interpolation Factor
LMFC_VAR_x = 12, LMFC_DELAY_x = 12, unless otherwise noted
1×, 1×2
JESD204B Mode 153
420
DAC clock cycle
JESD204B Mode 16
440
DAC clock cycle
JESD204B Mode 17
590
DAC clock cycle
1×, 8×2
JESD204B Mode 3
1390
DAC clock cycle
JESD204B Mode 83
1820
DAC clock cycle
JESD204B Mode 9
1920
DAC clock cycle
1×, 12×2
JESD204B Mode 83
2700
DAC clock cycle
JESD204B Mode 9
2840
DAC clock cycle
2×, 6×2
JESD204B Mode 3, Mode 4
1970
DAC clock cycle
JESD204B Mode 5
1770
DAC clock cycle
2×, 8×2
JESD204B Mode 0
2020
DAC clock cycle
JESD204B Mode 3, Mode 4
2500
DAC clock cycle
3×, 6×2
JESD204B Mode 3, Mode 4
2880
DAC clock cycle
JESD204B Mode 5, Mode 6
2630
DAC clock cycle
3×, 8×2
JESD204B Mode 3, Mode 4
3310
DAC clock cycle
JESD204B Mode 5, Mode 6
2980
DAC clock cycle
4×, 6×2
JESD204B Mode 0, Mode 1, Mode 2
2410
DAC clock cycle
4×, 8×2
JESD204B Mode 0, Mode 1, Mode 2
3090
DAC clock cycle
6×, 6×2
JESD204B Mode 0, Mode 1, Mode 2
3190
DAC clock cycle
6×, 8×2
JESD204B Mode 0, Mode 1, Mode 2
4130
DAC clock cycle
8×, 6×2
JESD204B Mode 7
3300
DAC clock cycle
8×, 8×2
JESD204B Mode 7
4270
DAC clock cycle
DETERMINISTIC LATENCY
Fixed
13
PCLK4
Variable
2
PCLK cycles
SYSREF± TO LOCAL MULTIFRAME CLOCK
(LMFC) DELAY
0
DAC clock cycles
1 Total latency (or pipeline delay) through the device is calculated as follows: total latency = interface latency + fixed latency + variable latency + pipeline delay.
2 The first value listed in this specification is the channel interpolation factor, and the second value is the main datapath interpolation factor.
3 LMFC_VAR_x = 7 and LMFC_DELAY_x = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com