Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9173 Datasheet HTML 56Page - Analog Devices AD9173 Datasheet HTML 57Page - Analog Devices AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
Data Sheet
AD9173
INTERRUPT REQUEST OPERATION
analog.com
Rev. C | 60 of 144
The AD9173 provides an interrupt request output signal (IRQ) on
Ball D9 (IRQ0) and Ball E9 (IRQ1) that can be used to notify an
external host processor of significant device events. The IRQ output
can be switched between the IRQ0 pin or the IRQ1 pin by setting
the corresponding bit for the IRQ signal in Register 0x028, Regis-
ter 0x029, Register 0x02A, and Register 0x02B. Upon assertion of
the interrupt, query the device to determine the precise event that
occurred. The IRQx pins are open-drain, active low outputs. Pull the
IRQx pins high, external to the device. These pins can be tied to the
interrupt pins of other devices with open-drain outputs to wire; OR
these pins together.
Figure 81 shows a simplified block diagram of how the IRQx
blocks works. If IRQ_EN is low, the INTERRUPT_SOURCE sig-
nal is set to 0. If IRQ_EN is high, any rising edge of EVENT
causes the INTERRUPT_SOURCE signal to be set high. If any
INTERRUPT_SOURCE signal is high, the IRQx pin is pulled low.
INTERRUPT_SOURCE can be reset to 0 by either an IRQ_RESET
signal or a DEVICE_RESET signal.
Depending on the STATUS_MODE signal, EVENT_STATUS reads
back an event signal or an INTERRUPT_SOURCE signal. The
AD9173 has several IRQ register blocks that can monitor up to 86
events, depending on the device configuration. Certain details vary
by IRQ register block, as described in Table 47. Table 48 shows the
source registers of the IRQ_EN, IRQ_RESET, and STATUS_MODE
signals in Figure 81, as well as the address where EVENT_STA-
TUS is read back.
Table 47. IRQ Register Block Details
Register Block
Event Reported EVENT_STATUS
0x020 to 0x27
Per chip
INTERRUPT_SOURCE if IRQ is
enabled; if not, it is an event
0x4B8 to 0x4BB; 0x470
to 0x473
Per link and lane INTERRUPT_SOURCE if IRQ is
enabled; if not, 0
INTERRUPT SERVICE ROUTINE
Interrupt request management starts by selecting the set of event
flags that require host intervention or monitoring. Enable the events
that require host action so that the host is notified when they occur.
For events requiring host intervention upon IRQ activation, run the
following routine to clear an interrupt request:
1. Read the status of the event flag bits that are being monitored.
2. Disable the interrupt by writing 0 to IRQ_EN.
3. Read the event source.
4. Perform any actions that may be required to clear the cause of
the event. In many cases, no specific actions may be required.
5. Verify that the event source is functioning as expected.
6. Clear the interrupt by writing 1 to IRQ_RESET.
7. Enable the interrupt by writing 1 to IRQ_EN.
Figure 81. Simplified Schematic of IRQx Circuitry
Table 48. IRQ Register Block Address of IRQ Signal Details
Register
Block
Address of IRQ Signals1
IRQ_EN
IRQ_RESET
STATUS_MODE
EVENT_STATUS
0x020 to
0x023
0x020 to 0x023; R/W per chip
0x024 to 0x027; per chip
STATUS_MODE= IRQ_EN
0x024 to 0x027; R per chip
0x4B8 to
0x4BB
0x4B8, 0x4B9; W per error type
0x4BA, 0x4BB; W per error type
Not applicable, STATUS_MODE = 1
0x4BA, 0x4BB; W per chip
0x470 to
0x473
0x470 to 0x473; W per error type
0x470 to 0x473; W per link
Not applicable, STATUS_MODE = 1
0x470 to 0x473; W per link
1 R is read, W is write, and R/W is read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com