Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9173 Datasheet HTML 49Page - Analog Devices AD9173 Datasheet HTML 50Page - Analog Devices AD9173 Datasheet HTML 51Page - Analog Devices AD9173 Datasheet HTML 52Page - Analog Devices AD9173 Datasheet HTML 53Page - Analog Devices AD9173 Datasheet HTML 54Page - Analog Devices AD9173 Datasheet HTML 55Page - Analog Devices AD9173 Datasheet HTML 56Page - Analog Devices AD9173 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 53 of 144
The DDSC_SEL_SIDEBAND bit (Register 0x130, Bit 1 = 0b1) is a
convenience bit that can be set to use the lower sideband modula-
tion result, which is equivalent to flipping the sign of the FTW.
Figure 71. NCO Modulator Block Diagram
Channel Modulus NCO Mode (Direct Digital
Synthesis (DDS))
Each of the channel 48-bit NCOs can also be used in a dual
modulus mode to create fractional frequencies beyond the 48-bit
accuracy. The modulus mode is enabled by programming the
DDSC_MODULUS_EN bit in the DDSC_DATAPATH_CFG register
to 1 (Register 0x130, Bit 2 = 0b1).
The frequency ratio for the programmable modulus direct digital
synthesis (DDS) is very similar to that of the typical accumulator-
based DDS. The only difference is that N is not required to be
a power of two for the programmable modulus, but can be an
arbitrary integer. In practice, hardware constraints place limits on
the range of values for N. As a result, the modulus extends the
use of the NCO to applications that require exact rational frequency
synthesis. The underlying function of the programmable modulus
technique is to alter the accumulator modulus.
Implementation of the programmable modulus function within the
AD9173 is such that the fraction, M/N, is expressible by the
following equation. Note that the form of the equation implies a
compound frequency tuning word with X representing the integer
part and A/B representing the fractional part.
fCARRIER
fNCO
=MN=X+AB248
where:
X is programmed in Register 0x132 to Register 0x137.
A is programmed in Register 0x140 to Register 0x145.
B is programmed in Register 0x13A to Register 0x13F.
Programmable Modulus Example
Consider the case in which fNCO = 1500 MHz and the desired
value of fCARRIER is 150 MHz. This scenario synthesizes an output
frequency that is not a power of two submultiple of the sample rate,
namely fCARRIER = (1/10) fNCO, which is not possible with a typical
accumulator-based DDS. The frequency ratio, fCARRIER/fDAC, leads
directly to M and N, which are determined by reducing the fraction
(150,000,000/1,500,000,000) to its lowest terms, that is,
M/N = 150,000,000/1,500,000,000 = 1/10
Therefore, M = 1 and N = 10.
After calculation, X = 28,147,497,671,065, A = 3, and B = 5.
Programming these values into the registers for X, A, and B
(X is programmed in Register 0x132 to Register 0x137 for DDSC_
FTWx, B is programmed in Register 0x13A to Register 0x13F for
DDSC_ACC_MODULUSx, and A is programmed in Register 0x140
to Register 0x145 for DDSC_ACC_DELTAx) causes the NCO to
produce an output frequency of exactly 150 MHz given a 1500 MHz
sampling clock. For more details, refer to the AN-953 Application
Note.
NCO Reset
Resetting the NCO can be useful when determining the start time
and phase of the NCO. The NCO can be reset by several different
methods, including a SPI write or by the SYSREF± signal.
Channel Summing Node
The channel datapaths all combine at the summing node junction
before continuing on to the main DAC datapath. The summation
of any number of channels being used must not exceed the ±215
value range to avoid clipping of the data signal into the main
datapath. The maximum data rate for each channel when the
channel interpolation is >1× is limited by the summing node junction
maximum speed of 1.54 GSPS. If the channel data-paths are
bypassed (channel interpolation is 1×), the summing node block is
also bypassed, as shown in Figure 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com