Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9173 Datasheet HTML 26Page - Analog Devices AD9173 Datasheet HTML 27Page - Analog Devices AD9173 Datasheet HTML 28Page - Analog Devices AD9173 Datasheet HTML 29Page - Analog Devices AD9173 Datasheet HTML 30Page - Analog Devices AD9173 Datasheet HTML 31Page - Analog Devices AD9173 Datasheet HTML 32Page - Analog Devices AD9173 Datasheet HTML 33Page - Analog Devices AD9173 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 30 of 144
JESD204B OVERVIEW
The AD9173 has eight JESD204B data ports that receive data. The
eight JESD204B ports can be configured as part of a single or dual
JESD204B link that uses a single system reference (SYSREF±)
and device clock (CLKIN±).
The JESD204B serial interface hardware consists of three layers:
the physical layer, the data link layer, and the transport layer. These
sections of the hardware are described in subsequent sections,
including information for configuring every aspect of the interface.
Figure 48 shows the communication layers implemented in the
AD9173 serial data interface to recover the clock and deserialize,
descramble, and deframe the data before it is sent to each of the
digital signal processing channelizers of the device.
The physical layer establishes a reliable channel between the
transmitter (Tx) and the receiver (Rx), and the data link layer is
responsible for unpacking the data into octets and descrambling
the data. The transport layer receives the descrambled JESD204B
frames and converts them to DAC samples.
A number of JESD204B parameters (L, F, K, M, N, NP, S, HD)
define how the data is packed and tell the device how to turn the
serial data into samples. These parameters are defined in detail in
the Transport Layer section. The AD9173 also has a descrambling
option (see the Descrambler section for more information). The
AD9173 has the ability to use 12-bit packing mode (NP = 12, N = 11
or 12) to increase the maximum data rate achievable by this device
for applications that do not require 16-bit resolution capabilities.
The AD9173 has multiple single-link and dual-link mode options
available for various application purposes. These modes and their
respective JESD204B link parameters are described in Table 15
and Table 16.
There are different interpolation combinations available for the
channel and main datapaths, as well as whether single-link and
dual-link options are available depending on which JESD204B
mode is chosen. Table 13 lists the possible link and interpolation
combinations available.
The AD9173 has two DAC outputs; however, for the purposes
of complex signal processing on chip, the converter count, repre-
sented by the M JESD204B parameter, reflects the number of
complex subchannels of data required per link when using a total
interpolation greater than 1×. The number of complex subchannels
of data per link required to be sent to the device also depends on
the number of channelizers being used, based on the mode of op-
eration chosen. If the channelizer datapaths are bypassed (channel
interpolation is set to 1×) and the main datapath interpolation is set
to 1×, the converter count (M) reflects the number of real converters
per link being used in the mode of operation; in this case, complex
data is not required.
For a particular JESD204B mode of operation, the following rela-
tionships exist:
Total Interpolation = Channel Interpolation × Main Interpolation
Data Rate = DAC Rate/Total Interpolation
Lane Rate = (M/L) × NP × (10/8) × Data Rate
where:
Lane Rate must be between 3 Gbps and 15 Gbps.
M, L, and NP are JESD204B link parameters for the chosen
JESD204B operating mode.
Achieving and recovering synchronization of the lanes is important.
To simplify the interface to the transmitter, the AD9173 designates
a master synchronization signal for each JESD204B link. The
SYNCOUT0± and SYNCOUT1± pins are used as the master signal
for all lanes on each link. If any lane in a link loses synchronization,
a resynchronization request is sent to the transmitter via the syn-
chronization signal of the link. The transmitter stops sending data
and instead sends synchronization characters to all lanes in that
link until resynchronization is achieved.
Figure 48. Functional Block Diagram of Serial Link Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com