Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9173 Datasheet HTML 34Page - Analog Devices AD9173 Datasheet HTML 35Page - Analog Devices AD9173 Datasheet HTML 36Page - Analog Devices AD9173 Datasheet HTML 37Page - Analog Devices AD9173 Datasheet HTML 38Page - Analog Devices AD9173 Datasheet HTML 39Page - Analog Devices AD9173 Datasheet HTML 40Page - Analog Devices AD9173 Datasheet HTML 41Page - Analog Devices AD9173 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 38 of 144
Lane First In/First Out (FIFO)
The FIFOs in front of the crossbar switch and deframer synchronize
the samples sent on the high speed serial data interface with
the deframer clock by adjusting the phase of the incoming data.
The FIFO absorbs timing variations between the data source and
the deframer; this allows up to two PCLK cycles of drift from the
transmitter. The FIFO_STATUS_REG_0 register and FIFO_STA-
TUS_REG_1 register (Register 0x30C and Register 0x30D, respec-
tively) can be monitored to identify whether the FIFOs are full or
empty.
Lane FIFO IRQ
An aggregate lane FIFO error bit is also available as an IRQ event.
Use Register 0x020, Bit 2 to enable the lane FIFO error bit, and
then use Register 0x024, Bit 2 to read back its status and reset the
IRQ signal. See the Interrupt Request Operation section for more
information.
Crossbar Switch
Register 0x308 to Register 0x30B allow arbitrary mapping of phys-
ical lanes (SERDINx±) to logical lanes used by the SERDES de-
framers.
Table 23. Crossbar Registers
Address
Bits
Logical Lane
0x308
[2:0]
SRC_LANE0
0x308
[5:3]
SRC_LANE1
0x309
[2:0]
SRC_LANE2
0x309
[5:3]
SRC_LANE3
0x30A
[2:0]
SRC_LANE4
0x30A
[5:3]
SRC_LANE5
0x30B
[2:0]
SRC_LANE6
0x30B
[5:3]
SRC_LANE7
Write each SRC_LANEy with the number (x) of the desired physical
lane (SERDINx±) from which to obtain data. By default, all logical
lanes use the corresponding physical lane as their data source. For
example, by default, SRC_LANE0 = 0; therefore, Logical Lane 0
obtains data from Physical Lane 0 (SERDIN0±). To use SERDIN4±
as the source for Logical Lane 0 instead, the user must write
SRC_LANE0 = 4.
Lane Inversion
Register 0x334 allows inversion of desired logical lanes, which can
be used to ease routing of the SERDINx± signals. For each Logical
Lane x, set Bit x of Register 0x334 to 1 to invert it.
Deframer
The AD9173 consists of two quad-byte deframers (QBDs) paged
by the LINK_PAGE control in Register 0x300, Bit 2. The deframer
accepts the 8-bit/10-bit encoded data from the deserializer (via the
crossbar switch), decodes it, and descrambles it into JESD204B
frames before passing it to the transport layer to be converted to
DAC samples. The deframer processes four symbols (or octets) per
processing clock (PCLK) cycle.
The deframer uses the JESD204B parameters that the user has
programmed into the register map to identify how the data is
packed, and unpacks it. The JESD204B parameters are described
in detail in the Transport Layer section; many of the parameters are
also needed in the transport layer to convert JESD204B frames into
samples.
Descrambler
The AD9173 provides an optional descrambler block using a self
synchronous descrambler with the following polynomial:
1 + x14 + x15
Enabling data scrambling reduces spectral peaks that are produced
when the same data octets repeat from frame to frame. It also
makes the spectrum data independent so that possible frequency
selective effects on the electrical interface do not cause data de-
pendent errors. Descrambling of the data is enabled by setting the
SCR bit (Register 0x453, Bit 7) to 1.
SYNCING LMFC SIGNALS
The AD9173 requires a synchronization (sync) to align the LMFC
and other internal clocks before the SERDES links are brought
online. The synchronization is a one-shot sync, where the synchro-
nization process begins on the next edge of the alignment signal
following the assertion of the SYSREF_MODE_ONESHOT control
in Register 0x03A, Bit 1.
In Subclass 1, the SYSREF± rising edge acts as the alignment
edge; in Subclass 0, an internal processing clock acts as the
alignment edge. When a sync has completed, the SYNC_ROTA-
TION_DONE (Register 0x03A, Bit 4) bit is asserted and remains
asserted until another sync is requested.
After a synchronization occurs, the JESD204B link can be enabled.
In Subclass 1, the latency of the JESD204B system is deterministic
and allows synchronization across multiple devices, if desired.
SYSREF± Signal
The SYSREF± signal is a differential source synchronous input that
synchronizes the LMFC signals in both the transmitter and receiver
in a JESD204B Subclass 1 system to achieve deterministic latency.
The SYSREF± signal is a rising edge sensitive signal that is
sampled by the device clock rising edge. It is best practice that
the device clock and SYSREF± signals be generated by the
same source, such as the HMC7044 clock generator, so that the
phase alignment between the signals is fixed. When designing
for optimum deterministic latency operation, consider the timing
distribution skew of the SYSREF± signal in a multipoint link system
(multichip).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com