Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9173 Datasheet HTML 33Page - Analog Devices AD9173 Datasheet HTML 34Page - Analog Devices AD9173 Datasheet HTML 35Page - Analog Devices AD9173 Datasheet HTML 36Page - Analog Devices AD9173 Datasheet HTML 37Page - Analog Devices AD9173 Datasheet HTML 38Page - Analog Devices AD9173 Datasheet HTML 39Page - Analog Devices AD9173 Datasheet HTML 40Page - Analog Devices AD9173 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 37 of 144
Figure 56. Lane Alignment During ILAS
JESD204B Serial Link Establishment
A brief summary of the high speed serial link establishment process
for Subclass 1 is provided. See Section 5.3.3 of the JESD204B
specification document for complete details.
Step 1—Code Group Synchronization
Each receiver must locate /K/ (K28.5) characters in its input data
stream. After four consecutive /K/ characters are detected on all link
lanes, the receiver block deasserts the SYNCOUTx± signals to the
transmitter block at the receiver LMFC edge.
The transmitter captures the change in the SYNCOUTx± signals
and at a future transmitter LMFC rising edge, starts the ILAS.
Step 2—Initial Lane Alignment Sequence
The main purposes of this phase are to align all the lanes of the link
and to verify the parameters of the link.
Before the link is established, write each of the link parameters to
the receiver device to designate how data is sent to the receiver
block.
The ILAS consists of four or more multiframes. The last character
of each multiframe is a multiframe alignment character, /A/. The
first, third, and fourth multiframes are populated with predetermined
data values. Note that Section 8.2 of the JESD204B specifications
document describes the data ramp that is expected during the
ILAS. The deframer uses the final /A/ of each lane to align the
ends of the multiframes within the receiver. The second multiframe
contains an /R/ (K.28.0), /Q/ (K.28.4), and then data corresponding
to the link parameters. Additional multiframes can be added to the
ILAS if needed by the receiver. By default, the AD9173 uses four
multiframes in the ILAS (this can be changed in Register 0x478). If
using Subclass 1, exactly four multiframes must be used.
After the last /A/ character of the last ILAS, multiframe data begins
streaming. The receiver adjusts the position of the /A/ character
such that it aligns with the internal LMFC of the receiver at this
point.
Step 3—Data Streaming
In this phase, data is streamed from the transmitter block to the
receiver block.
Optionally, data can be scrambled. Scrambling does not start until
the first octet following the ILAS.
The receiver block processes and monitors the data it receives for
errors, including the following:
►
Bad running disparity (8-bit/10-bit error)
►
Not in table (8-bit/10-bit error)
►
Unexpected control character
►
Bad ILAS
►
Interlane skew error (through character replacement)
If any of these errors exist, they are reported back to the transmitter
in one of the following ways (see the JESD204B Error Monitoring
section for details):
►
SYNCOUTx± signal assertion: resynchronization (SYNCOUTx±
signals pulled low) is requested at each error for the last two
errors. For the first three errors, an optional resynchronization
request can be asserted when the error counter reaches a set
error threshold.
►
For the first three errors, each multiframe with an error in it
causes a small pulse on the respective SYNCOUTx± pins.
►
Errors can optionally trigger an interrupt request (IRQ) event,
which can be sent to the transmitter.
For more information about the various test modes for verifying the
link integrity, see the JESD204B Test Modes section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com