Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9173 Datasheet HTML 22Page - Analog Devices AD9173 Datasheet HTML 23Page - Analog Devices AD9173 Datasheet HTML 24Page - Analog Devices AD9173 Datasheet HTML 25Page - Analog Devices AD9173 Datasheet HTML 26Page - Analog Devices AD9173 Datasheet HTML 27Page - Analog Devices AD9173 Datasheet HTML 28Page - Analog Devices AD9173 Datasheet HTML 29Page - Analog Devices AD9173 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
Data Sheet
AD9173
THEORY OF OPERATION
analog.com
Rev. C | 26 of 144
The AD9173 is a 16-bit, dual RF DAC with a high speed JESD204B
SERDES interface, compliant with Subclass 0 and Subclass 1 oper-
ation. Figure 1 shows a functional block diagram of the AD9173.
Each DAC core has three individually bypassable channelizers
that support up to 1.54 GSPS of complex data rate input per
channel. Eight high speed serial lanes carry data at a maximum of
15.4 Gbps to the channel datapaths. The JESD204B interface sup-
ports both single-link and dual-link modes of operation, depending
on the selected mode configuration. Compared to either LVDS or
CMOS interfaces, the SERDES interface simplifies pin count, board
layout, and input clock requirements to the device.
The clock for the input data is derived from the DAC clock, or
device clock (required by the JESD204B specification). This device
clock can be sourced with a PLL reference clock used by the
on-chip PLL to generate a DAC clock, or a high fidelity, direct
external DAC sampling clock. The device can be configured to
operate in one-, two-, three-, four-, or eight-lane per link modes,
depending on the required input data rate.
The digital datapath of the AD9173 offers bypassable (1×) inter-
polation modes for both the channel datapaths and the main
datapaths. Additionally, depending on the selected mode, there
are also 2×, 3×, 4×, 6×, and 8× interpolation options for the channel
datapaths, and 2×, 4×, 6×, 8×, and 12× interpolation options for
the main datapaths. See Table 13 for a summary of the various
JESD204B modes available, as well as the respective interpolation
options.
For each of the channel digital datapaths (when not using 1×
interpolation for the channel), there are individually programmable
gain stages and NCO blocks available. The NCO blocks have a
48-bit modulus NCO option to enable digital frequency shifts of
signals with near infinite precision.
The NCO can operate alone in NCO only mode using a program-
mable dc value input via the SPI or with digital data from the
SERDES interface and digital datapath. At the end of the three
channelizer datapaths, a summation node combines the three
channel datapaths together at a maximum of 1.54 GSPS to then
pass along to each of the main DAC datapaths for further digital
feature options.
Each of the main DAC datapaths contain an optional power amplifi-
er (PA) protection block, a main datapath interpolation block, a main
NCO with an optional modulus feature, and a ramp-up/ramp-down
gain block that is fed by the PA protection block. Additionally, there
is an optional calibration tone feature, as well as four modulator
switch modes that are part of the main NCO block.
The AD9173 is capable of multichip synchronization that can both
synchronize multiple DACs and establish a constant and determin-
istic latency (latency locking) path for the DACs. The latency for
each of the DACs remains constant to within several DAC clock
cycles from link establishment to link establishment. An external
alignment signal (SYSREF±) makes the AD9173 JESD204B Sub-
class 1 compliant. Several modes of SYSREF± signal handling are
available for use in the system.
An SPI configures the various functional blocks and monitors their
statuses. The various functional blocks and the data interface must
be set up in a specific sequence for proper operation (see the
Start-Up Sequence section). Simple SPI initialization routines set
up the JESD204B link and are included in the evaluation board
software support.
This data sheet describes the various blocks of the AD9173 in
detail. Descriptions of the JESD204B interface, control parameters,
and various registers to set up and monitor the device are provided.
The recommended start-up routine reliably sets up the data link.
Table 13. JESD204B Supported Operating Modes and Interpolation Combinations
Application
JESD204B Operation Modes
Channel Datapath
Main DAC Datapath
Link Modes
JESD204B
Modes
Lanes per
Link
Channels
per DAC
Maximum
Channel Data
Rate (MSPS)1
Channel
Interpolations
Main Datapath
Interpolations
Maximum DAC Rate
(GSPS)2
Single-Channel, 375 MHz
(N = 16 Bits)
Single, dual 0
1
1
385
2×
4×, 6×
8×
6×, 8×
6.16
12.6
Dual-Channel, 375 MHz
(N = 16 Bits)
Single, dual 1
2
2
385
4×, 6×
6×, 8×
12.6
Triple-Channel, 375 MHz
(N = 16 Bits)
Single, dual 2
3
3
385
4×, 6×
6×, 8×
12.6
Single Channel, 500 MHz Single, dual 5
1
1
513
2×
6×
6.16
(N = 12 Bits, NP = 12 Bits)
3×
6×, 8×
12.6
Dual Channel, 500 MHz
(N = 12 Bits, NP = 12 Bits)
Single, dual 6
2
2
513
3×
6×, 8×
12.6
Single Channel, 750 MHz Single, dual 3
2
1
770
1×
8×
6.16
(N = 16 Bits)
2×, 3×
6×, 8×
12.6
Dual Channel, 750 MHz
Single, dual 4
4
2
770
2×, 3×
6×, 8×
12.6
(N = 16 Bits)
385
4×
8×
12.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com