Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9173 Datasheet HTML 67Page - Analog Devices AD9173 Datasheet HTML 68Page - Analog Devices AD9173 Datasheet HTML 69Page - Analog Devices AD9173 Datasheet HTML 70Page - Analog Devices AD9173 Datasheet HTML 71Page - Analog Devices AD9173 Datasheet HTML 72Page - Analog Devices AD9173 Datasheet HTML 73Page - Analog Devices AD9173 Datasheet HTML 74Page - Analog Devices AD9173 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
Data Sheet
AD9173
START-UP SEQUENCE
analog.com
Rev. C | 71 of 144
Table 55. Main DAC Datapath Setup: PA Protect and Main NCOs
R/W
Register
Bits
Value
Description
W
0x115
[7:0]
Write DDSM_FTW[15:8].
W
0x116
[7:0]
Write DDSM_FTW[23:16].
W
0x117
[7:0]
Write DDSM_FTW[31:24].
W
0x118
[7:0]
Write DDSM_FTW[39:32].
W
0x119
[7:0]
Write DDSM_FTW[47:40].
W
0x11C
[7:0]
Write DDSM_NCO_PHASE_OFFSET[7:0]. Calculation: DDSM_NCO_PHASE_OFFSET = (degrees offset/180) × 215.
W
0x11D
[7:0]
Write DDSM_NCO_PHASE_OFFSET[15:8].
If using NCO modulus mode, also program modulus parameters. If not, skip this section. For modulus NCO mode: (fCARRIER/fDAC)
= (X + (A/B))/248, where DDSM_ACC_DELTA = A, DDSM_ACC_MODULUS = B, and DDSM_FTW = X.
W
0x124
[7:0]
Write DDSM_ACC_MODULUS[7:0].
W
0x125
[7:0]
Write DDSM_ACC_MODULUS[15:8].
W
0x126
[7:0]
Write DDSM_ACC_MODULUS[23:16].
W
0x127
[7:0]
Write DDSM_ACC_MODULUS[31:24].
W
0x128
[7:0]
Write DDSM_ACC_MODULUS[39:32].
W
0x129
[7:0]
Write DDSM_ACC_MODULUS[47:40].
W
0x12A
[7:0]
Write DDSM_ACC_DELTA[7:0].
W
0x12B
[7:0]
Write DDSM_ACC_DELTA[15:8].
W
0x12C
[7:0]
Write DDSM_ACC_DELTA[23:16].
W
0x12D
[7:0]
Write DDSM_ACC_DELTA[31:24].
W
0x12E
[7:0]
Write DDSM_ACC_DELTA[39:32].
W
0x12F
[7:0]
Write DDSM_ACC_DELTA[47:40].
W
0x113
0
0b1
Update all NCO phase and FTW words.
Table 56. JESD204B SERDES Required Interface Setup
R/W
Register
Bits
Value
Description
W
0x240
[7:0]
0xAA or 0xFF EQ settings determined by amount of insertion loss according to Table 22. For insertion loss ≤ 11 dB, set to 0xAA;
otherwise, set to 0xFF.
W
0x241
[7:0]
0xAA or 0xFF EQ settings determined by amount of insertion loss according to Table 22. For insertion loss ≤ 11 dB, set to 0xAA;
otherwise, set to 0xFF.
W
0x242
[7:0]
0x55 or 0xFF EQ settings determined by amount of insertion loss according to Table 22. For insertion loss ≤ 11 dB, set to 0x55; otherwise,
set to 0xFF.
W
0x243
[7:0]
0x55 or 0xFF EQ settings determined by amount of insertion loss according to Table 22. For insertion loss ≤ 11 dB, set to 0x55; otherwise,
set to 0xFF.
W
0x244
[7:0]
0x1F
EQ settings.
W
0x245
[7:0]
0x1F
EQ settings.
W
0x246
[7:0]
0x1F
EQ settings.
W
0x247
[7:0]
0x1F
EQ settings.
W
0x248
[7:0]
0x1F
EQ settings.
W
0x249
[7:0]
0x1F
EQ settings.
W
0x24A
[7:0]
0x1F
EQ settings.
W
0x24B
[7:0]
0x1F
EQ settings.
W
0x201
[7:0]
Power down unused PHYs. Bit x corresponds to SERDINx± pin power-down.
W
0x203
If in single-link mode, set to 0x01. If in dual-link mode and using both SYNCOUTx± signals, set to 0x00.
1
0b0
Power up SYNCOUT0± driver by setting this bit to 0.
0
Power up SYNCOUT1± driver by setting this bit to 0 if using dual link and both SYNCOUTx± signals.
W
0x253
[7:0]
0x01
Set SYNCOUT0± to be LVDS output. For CMOS output on SYNCOUT0±, set Bit 0 to 0.
W
0x254
[7:0]
0x01
Set SYNCOUT1± to be LVDS output. For CMOS output on SYNCOUT1±, set Bit 0 to 0.
W
0x210
[7:0]
0x16
SERDES required register write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com