Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 45 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9173 Datasheet HTML 41Page - Analog Devices AD9173 Datasheet HTML 42Page - Analog Devices AD9173 Datasheet HTML 43Page - Analog Devices AD9173 Datasheet HTML 44Page - Analog Devices AD9173 Datasheet HTML 45Page - Analog Devices AD9173 Datasheet HTML 46Page - Analog Devices AD9173 Datasheet HTML 47Page - Analog Devices AD9173 Datasheet HTML 48Page - Analog Devices AD9173 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 45 of 144
Configuration Parameters
The AD9173 modes refer to the link configuration parameters for
L, K, M, N, NP, S, and F. Table 30 provides the description and
addresses for these settings.
Table 30. Configuration Parameters
JESD204B
Setting
Description
Address
L − 1
Number of lanes minus 1.
Register 0x453,
Bits[4:0]
F − 1
Number of ((octets per frame) per lane)
minus 1.
Register 0x454,
Bits[7:0]
K − 1
Number of frames per multiframe minus
1.
Register 0x455,
Bits[4:0]
M − 1
Number of converters minus 1.
Register 0x456,
Bits[7:0]
N − 1
Converter bit resolution minus 1.
Register 0x457,
Bits[4:0]
NP − 1
Bit packing per sample minus 1.
Register 0x458,
Bits[4:0]
S − 1
Number of ((samples per converter) per
frame) minus 1.
Register 0x459,
Bits[4:0]
HD
High density format. Set to 1.
Register 0x45A, Bit 7
DID
Device ID. Match the device ID sent by
the transmitter.
Register 0x450,
Bits[7:0]
BID
Bank ID. Match the bank ID sent by the
transmitter.
Register 0x451,
Bits[7:0]
LID0
Lane ID for Lane 0. Match the Lane ID
sent by the transmitter on Logical Lane 0.
Register 0x452,
Bits[4:0]
JESDV
JESD204x version. Match the version
sent by the transmitter (0x0 = JESD204A,
0x1 = JESD204B).
Register 0x459,
Bits[7:5]
The AD9173 truncates the output of the main digital datapath to the
value of N bits for the selected mode, which is then sent to the DAC
core. It is possible to send the value of NP number of bits worth of
data with the lower NP − N LSBs padded as 0s, or to send the full
NP number of bits data across the SERDES lanes. In either case,
the lower NP − N LSBs are truncated prior to the DAC core.
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits on
the JESD204B receiver interface are deframed and passed on to
the DACs as data samples.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes are automatically de-
skewed. All logical lanes are enabled or not based on the number
of lanes for the mode setting chosen in Register 0x110, Bits[4:0].
The physical lanes are all powered up by default. To disable power
to physical lanes that are not being used, set Bit x in Register
0x201 to 1 to disable Physical Lane x, and keep it at 0 to enable
it. The logical lanes must be enabled and deskewed on a per link
basis using the LINK_PAGE control (Register 0x300, Bit 2). Set Bit
x in Register 0x46C to 1 to deskew Link Logical Lane x for the
selected link page.
JESD204B TEST MODES
PHY PRBS Testing
The JESD204B receiver on the AD9173 includes a PRBS pattern
checker on the back end of its physical layer. This functionality
enables bit error rate (BER) testing of each physical lane of the
JESD204B link. The PHY PRBS pattern checker does not require
that the JESD204B link be established. It can synchronize with a
PRBS7, PRBS15, or PRBS31 data pattern. PRBS pattern verifica-
tion can be performed on multiple lanes at once. The error counts
for failing lanes are reported for one JESD204B lane at a time. The
process for performing PRBS testing on the AD9173 is as follows:
1. Start sending a PRBS7, PRBS15, or PRBS31 pattern from the
JESD204B transmitter.
2. Select and write the appropriate PRBS pattern to Regis-
ter 0x316, Bits[3:2], as shown in Table 31.
3. Enable the PHY test for all lanes being tested by writing to
PHY_TEST_EN (Register 0x315). Each bit of Register 0x315
enables the PRBS test for the corresponding lane. For exam-
ple, writing a 1 to Bit 0 enables the PRBS test for Physical Lane
0.
4. Toggle PHY_TEST_RESET (Register 0x316, Bit 0) from 0 to 1
then back to 0.
5. Set PHY_PRBS_TEST_THRESHOLD_xBITS (Bits[23:0], Reg-
ister 0x319 to Register 0x317) as desired.
6. Write a 0 and then a 1 to PHY_TEST_START (Register 0x316,
Bit 1). The rising edge of PHY_TEST_START starts the test.
a. (Optional) In some cases, it may be necessary to repeat
Step 4 at this point. Toggle PHY_TEST_RESET (Register
0x316, Bit 0) from 0 to 1, then back to 0.
7. Wait 500 ms.
8. Stop the test by writing PHY_TEST_START (Register 0x316,
Bit 1) = 0.
9. Read the PRBS test results.
a. Each bit of PHY_PRBS_PASS (Register 0x31D) corre-
sponds to one SERDES lane (0 = fail, 1 = pass).
b. The number of PRBS errors seen on each failing lane can
be read by writing the lane number to check (0 to 7) in
PHY_SRC_ERR_CNT (Register 0x316, Bits[6:4]) and read-
ing the PHY_PRBS_ERR_CNT_xBITS (Register 0x31A to
Register 0x31C). The maximum error count is 224 − 1. If
all bits of Register 0x31A to Register 0x31C are high, the
maximum error count on the selected lane is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com