Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9173 Datasheet HTML 81Page - Analog Devices AD9173 Datasheet HTML 82Page - Analog Devices AD9173 Datasheet HTML 83Page - Analog Devices AD9173 Datasheet HTML 84Page - Analog Devices AD9173 Datasheet HTML 85Page - Analog Devices AD9173 Datasheet HTML 86Page - Analog Devices AD9173 Datasheet HTML 87Page - Analog Devices AD9173 Datasheet HTML 88Page - Analog Devices AD9173 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
Data Sheet
AD9173
REGISTER SUMMARY
analog.com
Rev. C | 85 of 144
Table 59. Register Summary
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x792
DACPLL_CTRL0
RESERVED
D_CAL_
D_RESET_
0x02
R/W
RESET
VCO_DIV
0x793
DACPLL_
CTRL1
RESERVED
M_DIVIDER-1
0x18
R/W
0x794
DACPLL_
CTRL2
RESERVED
DACPLL_CP
0x04
R/W
0x795
DACPLL_
CTRL3
RESERVED
D_CP_CALBITS
0x08
R/W
0x796
DACPLL_
CTRL4
PLL_CTRL0
RESERVED
0xD2 R/W
0x797
DACPLL_
CTRL5
RESERVED
PLL_CTRL1
0x20
R/W
0x798
DACPLL_
CTRL6
RESERVED
PLL_CTRL3
PLL_CTRL2
0x1C R/W
0x799
DACPLL_
CTRL7
ADC_CLK_DIVIDER
N_DIVIDER
0x08
R/W
0x7A0
DACPLL_
CTRL9
RESERVED
D_EN_VAR_
FINE_PRE
RESERVED
D_EN_VAR
_COARSE_
PRE
RESERVED
0x90
R/W
0x7A2
DACPLL_
RESERVED
D_REGULATOR_CAL_WAIT
D_VCO_CAL_WAIT
D_VCO_CAL_CYCLES
RESERVED
0x35
R/W
CTRL10
0x7B5
PLL_STATUS
RESERVED
PLL_LOCK
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com