Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9173 Datasheet HTML 87Page - Analog Devices AD9173 Datasheet HTML 88Page - Analog Devices AD9173 Datasheet HTML 89Page - Analog Devices AD9173 Datasheet HTML 90Page - Analog Devices AD9173 Datasheet HTML 91Page - Analog Devices AD9173 Datasheet HTML 92Page - Analog Devices AD9173 Datasheet HTML 93Page - Analog Devices AD9173 Datasheet HTML 94Page - Analog Devices AD9173 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 91 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
The links drop and the SERDES clocks are reset. It
is recommended to set this bit high so that when a
synchronization rotation is performed, the SERDES
clocks realign properly.
10
The datapath automatically uses the soft on/off
functionality to turn on and off the datapath stream
during a synchronization rotation to avoid corrupted
data from being transmitted. Only use this feature if
the PA protection block is in use.
11
Both the SERDES clock reset and datapath soft on/off
feature are enabled.
0x03F
TX_ENABLE
[7:6]
RESERVED
Reserved.
0x0
R/W
5
TXEN_DATAPATH_
DAC1
Selects whether the datapath of DAC1 is muted when
the TXEN1 pin is brought low.
0x0
R/W
0
Datapath output is normal.
1
If TXEN1 = 0, the datapath output is immediately
zeroed. If TXEN1 = 1, the datapath outputs normal
operation.
4
TXEN_DATAPATH_
DAC0
Selects whether the datapath of DAC0 is muted when
the TXEN0 pin is brought low.
0x0
R/W
0
Datapath output is normal.
1
If TXEN0 = 0, the datapath output is immediately
zeroed. If TXEN0 = 1, the datapath outputs normal
operation.
[3:0]
RESERVED
Reserved.
0x0
R/W
0x050
CAL_CLK_DIV
[7:4]
RESERVED
Reserved
0x2
R/W
[3:0]
CAL_CLK_DIV
Calibration register control. Set these bits to 0xA for
optimized calibration setting.
0x8
R/W
0x051
CAL_CTRL
7
CAL_CTRL0
Calibration setting. Set this bit to 1.
0x1
R/W
0
Reset the calibration engine.
1
Enable the calibration routine.
[6:3]
RESERVED
Reserved.
0x0
R/W
[2:1]
CAL_CTRL1
Calibration mode selection. Set this bit field to
1 for optimized calibration mode. Paged by the
MAINDAC_PAGE bits in Register 0x008.
0x1
R/W
1
Set calibration control setting.
0
CAL_START
Start calibration. After starting calibration, do not write
to any register from Register 0x051 to Register 0x061
until Register 0x052, Bit 2 reads low (indicating that
the calibration is no longer active). Paged by the
MAINDAC_
0x0
R/W
PAGE bits in Register 0x008.
0x052
CAL_STAT
[7:3]
RESERVED
Reserved.
0x0
R/W
2
CAL_ACTIVE
Calibration active status flag. A readback of 1
indicates the calibration routine is still in progress.
This control is paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R
1
CAL_FAIL_SEARCH
Calibration failure flag. A readback of 1 indicates the
calibration routine failed and is possibly not valid.
This control is paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com