Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9173 Datasheet HTML 31Page - Analog Devices AD9173 Datasheet HTML 32Page - Analog Devices AD9173 Datasheet HTML 33Page - Analog Devices AD9173 Datasheet HTML 34Page - Analog Devices AD9173 Datasheet HTML 35Page - Analog Devices AD9173 Datasheet HTML 36Page - Analog Devices AD9173 Datasheet HTML 37Page - Analog Devices AD9173 Datasheet HTML 38Page - Analog Devices AD9173 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 35 of 144
The processing clock is used for a quad-byte decoder.
Frame Rate = Byte Rate/F
where F is defined as octets per frame per lane.
PCLK Factor = Frame Rate/PCLK Rate = 4/F
where:
M is the JESD204B parameter for converters per link.
L is the JESD204B parameter for lanes per link.
F is the JESD204B parameter for octets per frame per lane.
NP is the JESD204B parameter for the total number of bits
per sample.
SERDES PLL
Functional Overview of the SERDES PLL
The independent SERDES PLL uses integer N techniques to ach-
ieve clock synthesis. The entire SERDES PLL is integrated on chip,
including the VCO and the loop filter. The SERDES PLL is capable
of providing quadrature clocks to allow a wide range of data rates
(3 Gbps to 15 Gbps) with no gaps.
These clocks are the input to the CDR block that is described in the
Clock and Data Recovery section.
The reference clock to the SERDES PLL is always running at
a frequency, fREF, that is equal to 1/40 of the lane rate (PCLK
rate). For more information about the SERDES circuitry setup and
relevant register writes, see the Start-Up Sequence section. The
SERDES PLL block automatically tunes to the appropriate divider
range for the lane rate based on the SERDES mode being used.
It takes the DAC clock generated by either the DAC PLL, if in use,
or from the direct clock being sourced at the CLKIN± pins, divides
the DAC clock frequency by 4, and uses the JESD204B parameters
corresponding to the mode and interpolation values programmed in
Register 0x110 and Register 0x111 to determine the proper dividers
for generating the PCLK frequency (lane rate ÷ 40), as shown in
Figure 51.
Confirm that the SERDES PLL is working by reading Regis-
ter 0x281. If Register 0x281, Bit 0 = 1, the SERDES PLL has
locked.
Clock and Data Recovery
The deserializer is equipped with a CDR circuit. Instead of recover-
ing the clock from the JESD204B serial lanes, the CDR recovers
the clocks from the SERDES PLL.
The CDR circuit synchronizes the phase used to sample the
data on each serial lane independently. This independent phase
adjustment per serial interface ensures accurate data sampling and
eases the implementation of multiple serial interfaces on a PCB.
Power-Down Unused PHYs
Note that any unused physical and enabled lanes consume extra
power unnecessarily. Each lane that is not being used (SERDINx±)
must be powered off by writing a 1 to the corresponding bit of
PHY_PD (Register 0x201).
Equalization
To compensate for signal integrity distortions for each PHY channel
due to PCB trace length and impedance, the AD9173 employs
an easy to use, low power equalizer on each JESD204B channel.
The AD9173 equalizers operating at the maximum lane rate of
15 Gbps can compensate for up to 16 dB of insertion loss. This
equalizer performance is shown in Figure 52 for 15 Gbps, near
the maximum baud rate for the AD9173. The channel must also
meet the insertion loss deviation requirement of the JESD204B
specification (less than 1.5 dB from 50 MHz to 0.75 times the baud
rate).
Figure 52. Insertion Loss Allowed
To ensure the AD9173 compensates for the amount of insertion
loss in the system, set the equalizer block appropriately. Table 22
shows the settings for the equalizer boost, equalizer gain, and
feedback controls, depending on the level of insertion loss in the
system. The equalizer boost setting is programmed for each PHY
lane (2-bit control for each) being used in Register 0x240 and Reg-
ister 0x241. Similarly, the equalizer gain settings are programmed
for each PHY lane (2-bit control for each) used in Register 0x242
and Register 0x243. The feedback control is programmed per PHY
lane (5-bit control for each, one control per register) in Register
0x244 to Register 0x24B.
Table 22. Equalizer Register Control Settings per PHY Control
Insertion Loss
≤11 dB
>11 dB
Equalizer Boost
0x02
0x03
Equalizer Gain
0x01
0x03
Feedback
0x1F
0x1F
Figure 53 and Figure 54 are provided as points of reference
for hardware designers and show the insertion loss for various
lengths of well laid out stripline and microstrip transmission lines,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com