Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices AD9173 Datasheet HTML 67Page - Analog Devices AD9173 Datasheet HTML 68Page - Analog Devices AD9173 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
Data Sheet
AD9173
ANALOG INTERFACE CONSIDERATIONS
analog.com
Rev. C | 65 of 144
DAC On-Chip PLL
When using the on-chip PLL, the predivider setting is selected (via
Register 0x793, Bits[1:0]) to divide the clock receiver frequency
internally to be within the range of 25 MHz to 770 MHz for the
phase frequency detector (PFD) circuitry block input.
The AD9173 DAC VCO operates over a frequency range of
8.74 GHz to 12.4 GHz. Enable the DAC PLL synthesizer by
setting Register 0x095, Bit 0 to 0. The DAC clock rate is user
configurable to be the VCO frequency (8.74 GHz to 12.4 GHz), the
VCO frequency divided by 2 (4.37 GHz to 6.2 GHz), or the VCO
frequency divided by 3 (2.92 GHz to 4.1 GHz) by setting Register
0x094, Bits[1:0]. See the Start-Up Sequence section for instructions
on how to program the PLL.
The AD9173 DAC PLL requires an external loop filter. The recom-
mended filter is a standard passive filter, as shown in Figure 88.
The user can customize the filter according to the PFD frequen-
cy, reference clock phase noise, and DAC output phase noise
requirements. For lowest jitter applications, use the highest possible
PFD frequency to minimize the contribution of in-band noise from
the PLL. However, when operating with a VCO frequency from
9.96 GHz to 10.87 GHz, set the PFD frequency to less than 225
MHz to ensure optimized stability over temperature.
Set the PLL filter bandwidth such that the in‑band noise of the
PLL intersects with the open-loop noise of the VCO, minimizing the
contribution of both to the overall noise.
The DAC PLL uses an integer type synthesizer to achieve the DAC
sampling clock. The relation between DAC clock and the reference
clock is as follows:
fDAC = (8 × N × fREF)/M/(Register 0x094, Bits[1:0] + 1)
where:
fDAC is the desired DAC clock rate.
N is the VCO feedback divider ratio, ranging from 2 to 50.
fREF is the reference clock.
M is the reference clock divider ratio; the valid values for reference
clock divider (predivider) are 1, 2, 3, or 4 by setting Register 0x793,
Bits[1:0].
The VCO automatic calibration is triggered by the falling edge of
Register 0x792, Bit 1 transitioning from a logic high to logic low. A
lock detector bit (Register 0x7B5, Bit 0) is provided to indicate that
the DAC PLL achieved lock. If Register 0x7B5, Bit 0 = 1, the PLL
has locked.
Figure 88. DAC PLL and Clock Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com