Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9173 Datasheet HTML 70Page - Analog Devices AD9173 Datasheet HTML 71Page - Analog Devices AD9173 Datasheet HTML 72Page - Analog Devices AD9173 Datasheet HTML 73Page - Analog Devices AD9173 Datasheet HTML 74Page - Analog Devices AD9173 Datasheet HTML 75Page - Analog Devices AD9173 Datasheet HTML 76Page - Analog Devices AD9173 Datasheet HTML 77Page - Analog Devices AD9173 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 144 page
background image
Data Sheet
AD9173
REGISTER SUMMARY
analog.com
Rev. C | 74 of 144
Table 59. Register Summary
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x000
SPI_
INTFCONFA
SOFTRESET_
M
LSBFIRST_
M
ADDRINC_M SDOACTIVE_
M
SDOACTIVE ADDRINC
LSBFIRST
SOFTRESET
0x00
R/W
0x001
SPI_
INTFCONFB
SINGLEINS
CSSTALL
RESERVED
0x00
R/W
0x003
SPI_CHIPTYPE
CHIP_TYPE
0x04
R
0x004
SPI_PRODIDL
PROD_ID[7:0]
0x73
R
0x005
SPI_PRODIDH
PROD_ID[15:8]
0x91
R
0x006
SPI_
CHIPGRADE
PROD_GRADE
DEV_REVISION
0x02
R
0x008
SPI_PAGEINDX
MAINDAC_PAGE
CHANNEL_PAGE
0xFF R/W
0x00A
SPI_
SCRATCHPAD
0x00
R/W
SCRATCHPAD
0x010
CHIP_ID_L
CHIP_ID[7:0]
0x00
R
0x011
CHIP_ID_M1
CHIP_ID[15:8]
0x00
R
0x012
CHIP_ID_M2
CHIP_ID[23:16]
0x00
R
0x013
CHIP_ID_H
CHIP_ID[31:24]
0x00
R
0x020
IRQ_ENABLE
RESERVED
EN_SYSREF_ EN_DATA_
EN_LANE_ EN_PRBSQ EN_PRBSI
0x00
R/W
JITTER
READY
FIFO
0x021
IRQ_ENABLE0
RESERVED
EN_DAC0_
RESERVED
EN_PAERR0
0x00
R/W
CAL_DONE
0x022
IRQ_ENABLE1
RESERVED
EN_DAC1_
RESERVED
EN_PAERR1
0x00
R/W
CAL_DONE
0x023
IRQ_ENABLE2
RESERVED
EN_DLL_
EN_DLL_
RESERVED
EN_PLL_
EN_PLL_
0x00
R/W
LOST
LOCK
LOST
LOCK
0x024
IRQ_STATUS
RESERVED
IRQ_SYSREF_ IRQ_DATA_ IRQ_LANE_ IRQ_
IRQ_PRBSI
0x00
R/W
JITTER
READY
FIFO
PRBSQ
0x025
IRQ_STATUS0
RESERVED
IRQ_DAC0_
RESERVED
IRQ_PAERR0 0x00
R/W
CAL_DONE
0x026
IRQ_STATUS1
RESERVED
IRQ_DAC1_
RESERVED
IRQ_PAERR1 0x00
R/W
CAL_DONE
0x027
IRQ_STATUS2
RESERVED
IRQ_DLL_
IRQ_DLL_
RESERVED
IRQ_PLL_
IRQ_PLL_
0x00
R/W
LOST
LOCK
LOST
LOCK
0x028
IRQ_OUTPUT_
RESERVED
MUX_
MUX_
MUX_
MUX_
MUX_PRBSI
0x00
R/W
MUX
SYSREF_
DATA_
LANE_FIFO PRBSQ
JITTER
READY
0x029
IRQ_OUTPUT_
RESERVED
MUX_
RESERVED
MUX_
0x00
R/W
MUX0
DAC0_
PAERR0
CAL_DONE
0x02A
IRQ_OUTPUT_
RESERVED
MUX_
RESERVED
MUX_
0x00
R/W
MUX1
DAC1_CAL_
PAERR1
DONE
0x02B
IRQ_OUTPUT_
RESERVED
MUX_DLL_
MUX_DLL_
RESERVED
MUX_PLL_ MUX_PLL_
0x00
R/W
MUX2
LOST
LOCK
LOST
LOCK
0x02C
IRQ_STATUS_
RESERVED
IRQ_
0x00
R/W
ALL
STATUS_ALL
0x036
SYSREF_
COUNT
SYSREF_COUNT
0x00
R/W
0x039
SYSREF_ERR_
RESERVED
SYSREF_ERR_WINDOW
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com