Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 92 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9173 Datasheet HTML 88Page - Analog Devices AD9173 Datasheet HTML 89Page - Analog Devices AD9173 Datasheet HTML 90Page - Analog Devices AD9173 Datasheet HTML 91Page - Analog Devices AD9173 Datasheet HTML 92Page - Analog Devices AD9173 Datasheet HTML 93Page - Analog Devices AD9173 Datasheet HTML 94Page - Analog Devices AD9173 Datasheet HTML 95Page - Analog Devices AD9173 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 92 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
CAL_FINISH
Calibration complete flag. A readback of 1 indicates
the calibration completed. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R
0x059
FSC0
[7:2]
RESERVED
Reserved.
0xA
R/W
[1:0]
FSC_CTRL[1:0]
Sets the full-scale current control. This control is
paged by the MAINDAC_PAGE bits in Register
0x008. Full-scale current = 16 mA + FSC_CTRL ×
(25/1024) (mA).
0x0
R/W
0x05A
FSC1
[7:0]
FSC_CTRL[9:2]
Sets the full-scale current control. This control is
paged by the MAINDAC_PAGE bits in Register
0x008. Full-scale current = 16 mA + FSC_CTRL ×
(25/1024) (mA).
0x28
R/W
0x061
CAL_DEBUG0
7
RESERVED
Reserved.
0x0
R/W
6
CAL_CTRL2
Calibration control. Set this bit to 1 for optimized
calibration setting.
0x1
R/W
5
CAL_CTRL3
Calibration control. Set this bit to 1 for optimized
calibration setting.
0x1
R/W
4
RESERVED
Reserved.
0x0
R/W
3
CAL_CTRL4
Calibration control. Set this bit to 1 for optimized
calibration setting.
0x0
R/W
[2:0]
RESERVED
Reserved.
0x0
R/W
0x081
CLK_CTRL
[7:2]
RESERVED
Reserved.
0x0
R/W
1
CAL_CLK_PD1
After the calibration is complete for DAC1 (Register
0x052, Bit 0 = 1), set this bit high to power down the
calibration clock.
0x0
R/W
0
CAL_CLK_PD0
After the calibration is complete for DAC0 (Register
0x052, Bit 0 = 1), set this bit high to power down the
calibration clock.
0x0
R/W
0x083
NVM_CTRL0
7
NVM_CTRL0A
NVM register control for the ring oscillator.
0x0
R/W
[6:2]
RESERVED
Reserved.
0x0
R
[1:0]
NVM_CTRL0B
NVM register control for the ring oscillator.
0x2
R/W
00
Divide by 8.
01
Divide by 16.
10
Divide by 32.
11
Divide by 64.
0x084
SYSREF_CTRL
7
RESERVED
Reserved.
0x0
R/W
6
SYSREF_
Sets the input mode type for the SYSREF± pins.
0x0
R/W
INPUTMODE
0
AC couple SYSREF±.
1
DC couple SYSREF±.
[5:1]
RESERVED
Reserved.
0x0
R/W
0
SYSREF_PD
Power down the SYSREF± receiver and
synchronization circuitry. If using Subclass 0, set this
bit to 1 because the SYSREF± pins are not used.
0x0
R/W
0
SYSREF± receiver is powered on.
1
SYSREF± receiver is powered down.
0x085
NVM_CTRL1
7
RESERVED
Reserved.
0x0
R
[6:4]
NVM_CTRL1A
NVM control.
0x1
R/W
[3:2]
RESERVED
Reserved.
0x0
R
1
NVM_CTRL1B
NVM control.
0x1
R/W
0
NVM_CTRL1C
NVM control.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com