Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 90 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9173 Datasheet HTML 86Page - Analog Devices AD9173 Datasheet HTML 87Page - Analog Devices AD9173 Datasheet HTML 88Page - Analog Devices AD9173 Datasheet HTML 89Page - Analog Devices AD9173 Datasheet HTML 90Page - Analog Devices AD9173 Datasheet HTML 91Page - Analog Devices AD9173 Datasheet HTML 92Page - Analog Devices AD9173 Datasheet HTML 93Page - Analog Devices AD9173 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 90 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
MUX_PLL_LOST
If EN_PLL_LOST is set, this control chooses the
IRQx pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
0
MUX_PLL_LOCK
If EN_PLL_LOCK is set, this control chooses the
IRQx pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
0x02C
IRQ_STATUS_ALL
[7:1]
RESERVED
Reserved.
0x0
R
0
IRQ_STATUS_ALL
This bit is an OR of all the bits in Register 0x24 to
Register 0x27. Writing a one to this bit clears any
latched IRQx signals in Register 0x24 to Register
0x27.
0x0
R/W
0x036
SYSREF_COUNT
[7:0]
SYSREF_COUNT
Number of rising SYSREF± edges to ignore before
synchronization (pulse counting mode).
0x0
R/W
0x039
SYSREF_ERR_
7
RESERVED
Reserved.
0x0
R
WINDOW
[6:0]
SYSREF_ERR_
WINDOW
Amount of jitter allowed on the SYSREF± input.
SYSREF± jitter variations larger than this trigger an
interrupt. Units are in DAC clocks.
0x0
R/W
0x03A
SYSREF_MODE
[7:5]
RESERVED
Reserved.
0x0
R
4
SYNC_ROTATION_DO
NE
Synchronization logic rotation complete flag.
0x1
R
[3:2]
RESERVED
Reserved.
0x0
R
1
SYSREF_MODE_
Enable one-shot synchronization rotation mode.
0x0
R/W
ONESHOT
00
Monitor mode. Status/error flag for
IRQ_SYSREF_JITTER is 1 if the SYSREF± edge is
outside the error window (Register 0x039, Bits[6:0]).
01
Perform a single synchronization on the next
SYSREF±, then switch to monitor mode.
0
RESERVED
Reserved.
0x0
R/W
0x03B
ROTATION_MODE
7
SYNCLOGIC_EN
This bit must always be set to 1 (default) for both
Subclass 0 and Subclass 1 operations.
0x1
R/W
6
RESERVED
Reserved. For proper operation, write this bit to a 1.
0x0
R/W
5
PERIODIC_RST_EN
Synchronization required setting. Always set this bit to
1 for both Subclass 0 and Subclass 1 operation.
0x1
R/W
4
NCORST_AFTER_
ROT_EN
Set this bit to 1 to reset all NCOs after digital reset
or synchronization rotation. Either this control or the
START_NCO_SYNC bit (Register 0x1E7, Bit 0) can
be used to reset all the NCOs (main and channel
datapaths).
0x1
R/W
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
ROTATION_MODE
Selects the circuitry to be reset when a
synchronization rotation occurs. Certain bits being
set to 1 determine the actions taken when
a synchronization rotation is performed. Bit 0
corresponds to a SERDES clock reset and
realignment. Bit 1 corresponds to a datapath soft
off/on gain, which must only be used if PA protection
is in use. If PA protection is not used, set Bit 1 to 0.
0x0
R/W
0
No action, with either the SERDES clocks or the
datapath, occurs when a synchro-nization rotation
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com