Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9173 Datasheet HTML 45Page - Analog Devices AD9173 Datasheet HTML 46Page - Analog Devices AD9173 Datasheet HTML 47Page - Analog Devices AD9173 Datasheet HTML 48Page - Analog Devices AD9173 Datasheet HTML 49Page - Analog Devices AD9173 Datasheet HTML 50Page - Analog Devices AD9173 Datasheet HTML 51Page - Analog Devices AD9173 Datasheet HTML 52Page - Analog Devices AD9173 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 49 of 144
The full digital datapath of the AD9173 consists of channel data-
paths that are bypassable, as well as a main DAC datapath leading
up to the analog DAC core. There is a variety of different digital
feature blocks available within each of the channel and main DAC
datapaths.
TOTAL DATAPATH INTERPOLATION
The AD9173 contains two separate blocks of interpolation: one
located in each of the channelizer datapaths, and a second inter-
polation stage located in the main DAC datapath. The total interpo-
lation for the chip can be determined by multiplying the channel
interpolation factor by the main datapath interpolation factor. The
relationship between the DAC sample rate and input data rate is
shown in the following equation:
Total Interpolation = (Channel Interpolation × Main Interpolation)
fDATA = fDAC/(Channel Interpolation × Main Interpolation)
Each of the various cascaded half-band filters has 80% signal
bandwidth capabilities. Therefore, if using interpolation (not bypass
or 1× total interpolation for both channel and main datapaths), the
available signal bandwidth (BW) with respect to the input data rate
is calculated as follows:
SignalBW = 0.8 × (fDATA/2)
where the total interpolation > 1.
SignalBW = (fDATA/2)
where the total interpolation = 1.
The interpolation values are programmed as shown in Table 34.
Table 34. Interpolation Factor Register Settings
Interpolation
Factor
Main Datapath, Register
0x111, Bits[7:4]
Channel Datapath, Register
0x111, Bits[3:0]
1×
0x1
0x1
2×
0x2
0x2
3×
Not applicable
0x3
4×
0x4
0x4
6×
0x6
0x6
8×
0x8
0x8
12×
0xC
Not applicable
Table 35. Interpolation Modes and Useable Bandwidth
Total Interpolation
Available Signal
Bandwidth
fDATA
1× (Bypass)
fDATA/2
fDAC
2×, 4×, 8×, 12×, 16×, 18×,
24×, 32×, 36×, 48×, 64×
80% × fDATA /2
fDAC/total interpolation
Filter Performance
The interpolation filters interpolate between existing data in such
a way that they minimize changes in the incoming data while
suppressing the creation of interpolation images.
The usable bandwidth, as shown in Table 35 is defined as the
frequency band over which the filters have a pass-band ripple of
less than ±0.001 dB and an image rejection of greater than 85 dB.
Conceptual drawings that shows the relative bandwidth of each of
the filters are shown in Figure 66 and Figure 67. The maximum
pass-band amplitude of all filters is the same; they are different in
the illustration to improve understanding.
Figure 66. Band Responses of Total Interpolation Rates for 1×, 2×, and 4× at
Each Respective Maximum Achievable DAC Rate , 11-Bit Resolution
Figure 67. Band Responses of Total Interpolation Rates for 8×, 12×, 16×, 18×,
24×, 32×, 36×, 48×, and 64× at a 12 GHz DAC Rate, 16-Bit Resolution (Unless
Otherwise Noted)
NCO Only Mode
The AD9173 is capable of operating in a mode with only the NCO
enabled. In this mode, a single-tone sine wave is generated using
a programmable internal dc amplitude level that is injected into the
NCO block to modulate the data into a single tone. This internal dc
level is injected into either the channel or main datapaths through
various controls, as shown in Figure 68. Mode 3 and Mode 4 can
be used to generate a single-channel or dual channel NCO only
mode of operation, respectively. It is not necessary to bring up the
JESD204B link in this mode. This mode is a useful option to bring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com