Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 5 Page - Analog Devices

  AD9173 Datasheet HTML 1Page - Analog Devices AD9173 Datasheet HTML 2Page - Analog Devices AD9173 Datasheet HTML 3Page - Analog Devices AD9173 Datasheet HTML 4Page - Analog Devices AD9173 Datasheet HTML 5Page - Analog Devices AD9173 Datasheet HTML 6Page - Analog Devices AD9173 Datasheet HTML 7Page - Analog Devices AD9173 Datasheet HTML 8Page - Analog Devices AD9173 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 144 page
background image
Data Sheet
AD9173
SPECIFICATIONS
analog.com
Rev. C | 5 of 144
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DAC UPDATE RATE
Minimum
2.91
GSPS
Maximum1
16-bit resolution, with interpolation
12.6
GSPS
11-bit resolution, with interpolation
12.6
GSPS
11-bit resolution, no interpolation
3.4
GSPS
Adjusted2
16-bit resolution, with interpolation3
1.23
GSPS
11-bit resolution, with interpolation
1.54
GSPS
11-bit resolution, no interpolation4
3.4
GSPS
DAC PHASE-LOCKED LOOP (PLL) VOLTAGE CONTROLLED OSCILLATOR (VCO)
FREQUENCY RANGES
VCO Output Divide by 1
8.74
12.42
GSPS
VCO Output Divide by 2
4.37
6.21
GSPS
VCO Output Divide by 3
2.91
4.14
GSPS
PHASE FREQUENCY DETECT INPUT FREQUENCY RANGES
9.96 GHz ≤ VCO Frequency ≤ 10.87 GHz
25
225
MHz
VCO Frequency < 9.96 GHz or VCO Frequency > 10.87 GHz
25
770
MHz
DAC DEVICE CLOCK INPUT (CLKIN+, CLKIN−) FREQUENCY RANGES
PLL Off
2.91
12.6
GHz
PLL On
M divider set to divide by 1
25
770
MHz
M divider set to divide by 2
50
1540
MHz
M divider set to divide by 3
75
2310
MHz
M divider set to divide by 4
100
3080
MHz
1 The maximum DAC update rate varies depending on the selected JESD204B mode and the lane rate for the given configuration used. The maximum DAC rate according
to lane rate and voltage supply levels is listed in Table 3.
2 The adjusted DAC update rate is calculated as fDAC, divided by the minimum required interpolation factor for a given mode or the maximum channel data rate for a given
mode. Different modes have different maximum DAC update rates, minimum interpolation factors, and maximum channel data rates, as shown in Table 13.
3 The adjusted DAC update rate of 1.23 GSPS is the maximum for any 16-bit resolution mode of operation. See Table 13 for more details.
4 The adjusted DAC update rate of 3.4 GSPS is the maximum for any 11-bit resolution mode of operation. See Table 13 for more details.
MAXIMUM DAC SAMPLING RATE SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC IOUTFS = 20 mA, unless otherwise noted.
For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which corresponds to TJ = 51°C.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM DAC UPDATE RATE
SVDD1.0 = 1.0 V ± 5%
Lane rate > 11 Gbps
11.67
GSPS
Lane rate ≤ 11 Gbps
12.37
GSPS
SVDD1.0 = 1.0 V ± 2.5%
Lane rate > 11 Gbps
11.79
GSPS
Lane rate ≤ 11 Gbps1
12.6
GSPS
1 If using the on-chip PLL, the maximum DAC speed is limited to the maximum PLL speed of 12.42 GSPS, as listed in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com