Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9173 Datasheet HTML 68Page - Analog Devices AD9173 Datasheet HTML 69Page - Analog Devices AD9173 Datasheet HTML 70Page - Analog Devices AD9173 Datasheet HTML 71Page - Analog Devices AD9173 Datasheet HTML 72Page - Analog Devices AD9173 Datasheet HTML 73Page - Analog Devices AD9173 Datasheet HTML 74Page - Analog Devices AD9173 Datasheet HTML 75Page - Analog Devices AD9173 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
Data Sheet
AD9173
START-UP SEQUENCE
analog.com
Rev. C | 72 of 144
Table 56. JESD204B SERDES Required Interface Setup
R/W
Register
Bits
Value
Description
W
0x216
[7:0]
0x05
SERDES required register write.
W
0x212
[7:0]
0xFF
SERDES required register write.
W
0x212
[7:0]
0x00
SERDES required register write.
W
0x210
[7:0]
0x87
SERDES required register write.
W
0x216
[7:0]
0x11
SERDES required register write.
W
0x213
[7:0]
0x01
SERDES required register write.
W
0x213
[7:0]
0x00
SERDES required register write.
W
0x200
[7:0]
0x00
Power up the SERDES circuitry blocks.
Pause
Wait 100 ms.
W
0x210
[7:0]
0x86
SERDES required register write.
W
0x216
[7:0]
0x40
SERDES required register write.
W
0x213
[7:0]
0x01
SERDES required register write.
W
0x213
[7:0]
0x00
SERDES required register write.
W
0x210
[7:0]
0x86
SERDES required register write.
W
0x216
[7:0]
0x00
SERDES required register write.
W
0x213
[7:0]
0x01
SERDES required register write.
W
0x213
[7:0]
0x00
SERDES required register write.
W
0x210
[7:0]
0x87
SERDES required register write.
W
0x216
[7:0]
0x01
SERDES required register write.
W
0x213
[7:0]
0x01
SERDES required register write.
W
0x213
[7:0]
0x00
SERDES required register write.
W
0x280
[7:0]
0x05
SERDES required register write.
W
0x280
[7:0]
0x01
Start up SERDES PLL circuitry blocks and initiate SERDES PLL calibration.
R
0x281
0
0b1
Ensure Bit 0 of this register reads back 1 to indicate the SERDSES PLL is locked.
Crossbar mapping writes the SERDINx input pin that is the source for each given logical lane in these registers. A value of x corresponds to
mapping data from the SERDINx± pin to the logical lane of the control bit field. These values in Table 57 vary with different PCB layout routing.
Table 57. Transport Layer Setup, Synchronization, and Enable Links
R/W
Register
Bits
Value
Description
W
0x308
[7:0]
Crossbar setup. Program the physical lane value that is providing data (the source) for each of the logical lanes. [5:3] =
Logical Lane 1 source, [2:0] = Logical Lane 0 source.
W
0x309
[7:0]
[5:3] = Logical Lane 3 source, [2:0] = Logical Lane 2 source.
W
0x30A
[7:0]
[5:3] = Logical Lane 5 source, [2:0] = Logical Lane 4 source.
W
0x30B
[7:0]
[5:3] = Logical Lane 7 source, [2:0] = Logical Lane 6 source.
W
0x306
[7:0]
0x0C
If operating in Subclass 0, this register write is not needed.
W
0x307
[7:0]
0x0C
If operating in Subclass 0, this register write is not needed.
W
0x304
[7:0]
If operating in Subclass 0, this register write is not needed. For Subclass 1, these values must be determined by
following one of the deterministic latency methods (with or without known delays), as mentioned in the Link Delay
section.
W
0x305
[7:0]
If operating in Subclass 0, this register write is not needed. For Subclass 1, these values must be determined by
following one of the deterministic latency methods (with or without known delays), as mentioned in the Link Delay
section.
W
0x03B
[7:0]
0xF1
Enable the sync logic, and set the rotation mode to reset the synchronization logic upon a sync reset trigger.
W
0x03A
[7:0]
0x02
Set up sync for one-shot sync mode.
SYSREF±
If operating in Subclass 1, send SYSREF± pulse edges to the device for synchronization alignment.
W
0x300
3
LINK_MODE
Corresponds to the mode selection made in Register 0x110.
0b0 = single-link mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com