Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 1 Page - Analog Devices

  AD9173 Datasheet HTML 1Page - Analog Devices AD9173 Datasheet HTML 2Page - Analog Devices AD9173 Datasheet HTML 3Page - Analog Devices AD9173 Datasheet HTML 4Page - Analog Devices AD9173 Datasheet HTML 5Page - Analog Devices AD9173 Datasheet HTML 6Page - Analog Devices AD9173 Datasheet HTML 7Page - Analog Devices AD9173 Datasheet HTML 8Page - Analog Devices AD9173 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
Data Sheet
AD9173
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Supports multiband wireless applications
►
3 bypassable, complex data input channels per RF DAC
►
1.54 GSPS maximum complex input data rate per input chan-
nel
►
1 independent NCO per input channel
►
Proprietary, low spurious and distortion design
►
2-tone IMD = −83 dBc at 1.8 GHz, −7 dBFS/tone RF output
►
SFDR < −80 dBc at 1.8 GHz, −7 dBFS RF output
►
Flexible 8-lane, 15.4 Gbps JESD204B interface
►
Supports single-band and multiband use cases
►
Supports 12-bit high density mode for increased data through-
put
►
Multiple chip synchronization
►
Supports JESD204B Subclass 1
►
Selectable interpolation filter for a complete set of input data
rates
►
1×, 2×, 3×, 4×, 6×, and 8× configurable data channel interpo-
lation
►
1×, 2×, 4×, 6×, 8×, and 12× configurable final interpolation
►
Final 48-bit NCO that operates at the DAC rate to support
frequency synthesis up to 6 GHz
►
Transmit enable function allows extra power saving and down-
stream circuitry protection
►
High performance, low noise PLL clock multiplier
►
Supports 12.6 GSPS DAC update rate
►
Observation ADC clock driver with selectable divide ratios
►
Low power
►
2.55 W at 12 GSPS, dual channel mode
►
10 mm × 10 mm, 144-ball BGA_ED with metal enhanced thermal
lid, 0.80 mm pitch
APPLICATIONS
►
Wireless communications infrastructure
►
Multiband base station radios
►
Microwave/E-band backhaul systems
►
Instrumentation, automatic test equipment (ATE)
GENERAL DESCRIPTION
The AD9173 is a high performance, dual, 16-bit digital-to-analog
converter (DAC) that supports DAC sample rates to 12.6 GSPS.
The device features an 8-lane, 15.4 Gbps JESD204B data input
port, a high performance, on-chip DAC clock multiplier, and digital
signal processing capabilities targeted at single-band and multiband
direct to radio frequency (RF) wireless applications.
The AD9173 features three complex data input channels per RF
DAC that are bypassable. Each data input channel includes a
configurable gain stage, an interpolation filter, and a channel nu-
merically controlled oscillator (NCO) for flexible, multiband frequen-
cy planning. The device supports up to a 1.54 GSPS complex
data rate per input channel and is capable of aggregating multiple
complex input data streams up to a maximum complex data rate of
1.54 GSPS. Additionally, the AD9173 supports ultrawide bandwidth
modes bypassing the channelizers to provide maximum data rates
of up to 3.08 GSPS (with 11-bit resolution using 16-bit serializer/de-
serializer (SERDES) packing) and 3.4 GSPS (with 11-bit resolution
using 12-bit SERDES packing).
The AD9173 is available in a 144‑ball BGA_ED package.
PRODUCT HIGHLIGHTS
1. Supports single-band and multiband wireless applications with
three bypassable complex data input channels per RF DAC
at a maximum complex input data rate of 1.54 GSPS with
11-bit resolution and 1.23 GSPS with 16-bit resolution. One
independent NCO per input channel.
2. Ultrawide bandwidth channel bypass modes supporting up to
3.08 GSPS data rates with 11-bit resolution, 16-bit SERDES
packing and 3.4 GSPS with 11-bit resolution, 12-bit SERDES
packing.
3. Low power dual converter decreases the amount of power
consumption needed in high bandwidth and multichannel appli-
cations.


Similar Part No. - AD9173

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9173 AD-AD9173 Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9173-FMC-EBZ AD-AD9173-FMC-EBZ Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9173BBPZ AD-AD9173BBPZ Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9173BBPZRL AD-AD9173BBPZRL Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
More results

Similar Description - AD9173

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9172 AD-AD9172 Datasheet
2Mb / 144P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
6/2017-Revision 0
AD9173 AD-AD9173 Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9176 AD-AD9176 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9175 AD-AD9175 Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9176S AD-AD9176S Datasheet
2Mb / 28P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com