Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9173 Datasheet HTML 3Page - Analog Devices AD9173 Datasheet HTML 4Page - Analog Devices AD9173 Datasheet HTML 5Page - Analog Devices AD9173 Datasheet HTML 6Page - Analog Devices AD9173 Datasheet HTML 7Page - Analog Devices AD9173 Datasheet HTML 8Page - Analog Devices AD9173 Datasheet HTML 9Page - Analog Devices AD9173 Datasheet HTML 10Page - Analog Devices AD9173 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
Data Sheet
AD9173
SPECIFICATIONS
analog.com
Rev. C | 7 of 144
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SVDD1.0
All supply levels set to nominal values
245
mA
All supplies at 5% tolerance
250
mA
Total Power Dissipation
2.4
W
Mode 2 (L = 3, M = 6, NP = 16,
N = 16)
12 GSPS DAC rate, 375 MHz PLL reference clock, 48× total interpolation (6×, 8×), 30 MHz
tone at −3 dBFS, channel gain = −11 dB, channel NCOs = 20 MHz, main NCO = 2.1 GHz
AVDD1.0
All supply levels set to nominal values
735
1030
mA
All supplies at 5% tolerance
785
1135
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
mA
All supply levels set to nominal values
1370
1800
mA
All supplies at 5% tolerance
1460
1980
mA
DVDD1.8
35
50
mA
SVDD1.0
All supply levels set to nominal values
410
680
mA
All supplies at 5% tolerance
430
755
mA
Total Power Dissipation
2.77
3.69
W
SINGLE-LINK MODES
Mode 17 (L = 8, M = 2, NP =
12, N = 11)
3.4 GSPS DAC rate, 187.5 MHz PLL reference clock, 1× total interpolation (1×, 1×), 1.2
GHz tone at −3 dBFS, channel and main NCOs disabled
AVDD1.0
All supply levels set to nominal values
260
510
mA
All supplies at 5% tolerance
275
580
mA
AVDD1.8
85
100
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
300
610
mA
All supplies at 5% tolerance
310
710
mA
DVDD1.8
25
50
mA
SVDD1.0
All supply levels set to nominal values
500
780
mA
All supplies at 5% tolerance
505
860
mA
Total Power Dissipation
1.2
2.05
W
DUAL-LINK, MODE 3 (NCO
ONLY, SINGLE-CHANNEL
MODE, NO SERDES)
6 GSPS DAC rate, 300 MHz PLL reference clock, 8× total interpolation (1×, 8×), no input
tone (dc internal level = 0x50FF), channel NCO = 40 MHz, main NCO = 1.8425 GHz
Mode 3
AVDD1.0
All supply levels set to nominal values
410
660
mA
All supplies at 5% tolerance
435
750
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
500
780
mA
All supplies at 5% tolerance
515
950
mA
DVDD1.8
0.3
1
mA
SVDD1.0
All supply levels set to nominal values
5
100
mA
All supplies at 5% tolerance
3
120
mA
Total Power Dissipation
1.1
1.671
W
DUAL-LINK, MODE 4 (NCO
ONLY, DUAL-CHANNEL MODE,
NO SERDES)
12 GSPS DAC rate, 500 MHz PLL reference clock, 32× total interpolation (4×, 8×), no input
tone (dc internal level = 0x2AFF), channel NCOs = ±150 MHz, main NCO = 2 GHz
Mode 4
AVDD1.0
All supply levels set to nominal values
750
1030
mA
All supplies at 5% tolerance
790
1130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com