Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9173 Datasheet HTML 47Page - Analog Devices AD9173 Datasheet HTML 48Page - Analog Devices AD9173 Datasheet HTML 49Page - Analog Devices AD9173 Datasheet HTML 50Page - Analog Devices AD9173 Datasheet HTML 51Page - Analog Devices AD9173 Datasheet HTML 52Page - Analog Devices AD9173 Datasheet HTML 53Page - Analog Devices AD9173 Datasheet HTML 54Page - Analog Devices AD9173 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 51 of 144
CHANNEL DIGITAL DATAPATH
Figure 69. Block Diagram of the Channel Digital Datapath per the Main DAC Output
Each main DAC output has three optional channelizers, or channel
datapaths, that are selected based on the JESD204B mode select-
ed. The channel datapaths also have the option to be bypassed
(1× interpolation selected), which bypasses all of the digital features
included in each channelizer. Each channelizer consists of a digital
gain stage, complex interpolation block, and complex 48-bit NCO
with modulus. The interpolation selection is the same for all three
channelizers; however, the gain stage and complex NCO values
can all be independently configured. The controls for these blocks
are paged by the channel paging mask in the CHANNEL_PAGE
bits (Register 0x008, Bits[5:0]), as described in Table 36. Each bit of
the page mask corresponds to a channel datapath. These channels
can be paged individually to set the values for each channel
uniquely, or can be paged simultaneously to set all channels to the
same value for the control being configured.
Table 36. Channel Page Mask
CHANNEL_PAGE
(Register 0x008,
Bits[5:0])
Channel Paged
Channel Datapath Updated
0x01 (Bit 0)
Channel 0
Channel 0 of DAC0
0x02 (Bit 1)
Channel 1
Channel 1 of DAC0
0x04 (Bit 2)
Channel 2
Channel 2 of DAC0
0x08 (Bit 3)
Channel 3
Channel 0 of DAC1
0x10 (Bit 4)
Channel 4
Channel 1 of DAC1
0x20 (Bit 5)
Channel 5
Channel 2 of DAC1
Each of the digital blocks in the channels is described in more detail
in the following sections.
Digital Gain
The AD9173 has individual channel gain controls that allow unique
gain scaling capabilities for each complex data input channel. The
gain code for each channel is 12-bit resolution, located in Register
0x146 and Register 0x147, and can be calculated by the following
formula:
0 ≤ Gain ≤ (212 − 1)/211
−∞ dB < dBGain ≤ +6.018 dB
Gain = Gain Code × (1/2048)
dBGain = 20 × log10 (Gain)
Gain Code = 2048 × Gain = 211 ×10(dBGain/20)
The gain code control (CHNL_GAIN) is paged with the channel
page mask (CHANNEL_PAGE) in Register 0x008, Bits[5:0]. The
digital gain feature is available in all modes, except when 1×
channel interpolation is used because the channel datapaths are
bypassed in that mode. The summing node that combines the three
channels may clip the summed signals if the combined amplitude
is too large. For example, if all three channels are being used and
all three data streams are >1/3 full-scale amplitude, clipping may
occur. The sum of the data values when any number of channels is
used must be between −215 and +215.
Channel Interpolation
The channel interpolation options available are bypass (1×), 2×, 3×,
4×, 6×, and 8×. Each of the half-band filters used for interpolation
has 80% bandwidths with 85 dB of stop band rejection. The chan-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com