Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9173 Datasheet HTML 85Page - Analog Devices AD9173 Datasheet HTML 86Page - Analog Devices AD9173 Datasheet HTML 87Page - Analog Devices AD9173 Datasheet HTML 88Page - Analog Devices AD9173 Datasheet HTML 89Page - Analog Devices AD9173 Datasheet HTML 90Page - Analog Devices AD9173 Datasheet HTML 91Page - Analog Devices AD9173 Datasheet HTML 92Page - Analog Devices AD9173 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 89 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
4
MUX_SYSREF_
JITTER
If EN_SYSREF_JITTER is set, this control chooses
the IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
3
MUX_DATA_READY
If EN_DATA_READY is set, this control chooses the
IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
2
MUX_LANE_FIFO
If EN_LANE_FIFO is set, this control chooses the
IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
1
MUX_PRBSQ
If EN_PRBSQ is set, this control chooses the IRQx
output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
0
MUX_PRBSI
If EN_PRBSI is set, this control chooses the IRQx
output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
0x029
IRQ_OUTPUT_MUX0
[7:4]
RESERVED
Reserved.
0x0
R
3
MUX_DAC0_CAL_
DONE
If EN_DAC0_CAL_DONE is set, this control chooses
the IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
[2:1]
RESERVED
Reserved.
0x0
R/W
0
MUX_PAERR0
If EN_PAERR0 is set, this control chooses the IRQx
output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
0x02A
IRQ_OUTPUT_MUX1
[7:4]
RESERVED
Reserved.
0x0
R
3
MUX_DAC1_CAL_
DONE
If EN_DAC1_CAL_DONE is set, this control chooses
the IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
[2:1]
RESERVED
Reserved.
0x0
R/W
0
MUX_PAERR1
If EN_PAERR1 is set, this control chooses the IRQx
output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
0x02B
IRQ_OUTPUT_MUX2
[7:6]
RESERVED
Reserved.
0x0
R
5
MUX_DLL_LOST
If EN_DLL_LOST is set, this control chooses the
IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
4
MUX_DLL_LOCK
If EN_DLL_LOCK is set, this control chooses the
IRQx output pin on which the event is triggered.
0x0
R/W
0
Route IRQ trigger signal to the IRQ0 pin.
1
Route IRQ trigger signal to the IRQ1 pin.
[3:2]
RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com