Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9173 Datasheet HTML 74Page - Analog Devices AD9173 Datasheet HTML 75Page - Analog Devices AD9173 Datasheet HTML 76Page - Analog Devices AD9173 Datasheet HTML 77Page - Analog Devices AD9173 Datasheet HTML 78Page - Analog Devices AD9173 Datasheet HTML 79Page - Analog Devices AD9173 Datasheet HTML 80Page - Analog Devices AD9173 Datasheet HTML 81Page - Analog Devices AD9173 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
Data Sheet
AD9173
REGISTER SUMMARY
analog.com
Rev. C | 78 of 144
Table 59. Register Summary
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x148
DC_CAL_
TONE0
DC_TEST_INPUT_AMPLITUDE[7:0]
0x00
R/W
0x149
DC_CAL_
TONE1
DC_TEST_INPUT_AMPLITUDE[15:8]
0x00
R/W
0x14B
PRBS
PRBS_
PRBS_
RESERVED
PRBS_INV_Q
PRBS_INV_I PRBS_
PRBS_
PRBS_EN
0x10
R/W
GOOD_Q
GOOD_I
MODE
RESET
0x14C
PRBS_ERROR_I
PRBS_COUNT_I
0x00
R
0x14D
PRBS_ERROR_
Q
PRBS_COUNT_Q
0x00
R
0x14E
PRBS_
CHANSEL
RESERVED
PRBS_CHANSEL
0x07
R/W
0x151
DECODE_
MODE
RESERVED
MSB_MODE
RESERVED
0x00
R/W
0x1DE
SPI_ENABLE
RESERVED
SPI_EN1
SPI_EN0
0x03
R/W
0x1E2
DDSM_CAL_
DDSM_CAL_FTW[7:0]
0x00
R/W
FTW0
0x1E3
DDSM_CAL_
DDSM_CAL_FTW[15:8]
0x00
R/W
FTW1
0x1E4
DDSM_CAL_
DDSM_CAL_FTW[23:16]
0x00
R/W
FTW2
0x1E5
DDSM_CAL_
DDSM_CAL_FTW[31:24]
0x00
R/W
FTW3
0x1E6
DDSM_CAL_
MODE_DEF
RESERVED
DDSM_EN_
CAL_ACC
DDSM_EN_
CAL_DC_
INPUT
DDSM_EN_
CAL_FREQ_
TUNE
0x00
R/W
0x1E7
DATAPATH_
NCO_SYNC_
CFG
RESERVED
ALL_NCO_
SYNC_ACK
START_
NCO_SYNC
0x00
R/W
0x200
MASTER_PD
RESERVED
SERDES_
0x01
R/W
MASTER_
PD
0x201
PHY_PD
PHY_PD
0xEE R/W
0x203
GENERIC_PD
RESERVED
PD_
SYNCOUT0
PD_
SYNCOUT1
0x01
R/W
0x206
CDR_RESET
RESERVED
CDR_PHY_
0x00
R/W
RESET
0x210
CBUS_ADDR
SERDES_CBUS_ADDR
0x00
R/W
0x212
CBUS_
SERDES_CBUS_WR0
0x00
R/W
WRSTROBE_
PHY
0x213
CBUS_
RESERVED
SERDES_
0x00
R/W
WRSTROBE_
CBUS_WR1
OTHER
0x216
CBUS_WDATA
SERDES_CBUS_DATA
0x00
R/W
0x234
CDR_
SEL_IF_PARDATAINV_DES_RC_CH
0x66
R/W
BITINVERSE
0x240
EQ_BOOST_
EQ_BOOST_PHY3
EQ_BOOST_PHY2
EQ_BOOST_PHY1
EQ_BOOST_PHY0
0xFF R/W
PHY_3_0
0x241
EQ_BOOST_
EQ_BOOST_PHY7
EQ_BOOST_PHY6
EQ_BOOST_PHY5
EQ_BOOST_PHY4
0xFF R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com