Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 98 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9173 Datasheet HTML 94Page - Analog Devices AD9173 Datasheet HTML 95Page - Analog Devices AD9173 Datasheet HTML 96Page - Analog Devices AD9173 Datasheet HTML 97Page - Analog Devices AD9173 Datasheet HTML 98Page - Analog Devices AD9173 Datasheet HTML 99Page - Analog Devices AD9173 Datasheet HTML 100Page - Analog Devices AD9173 Datasheet HTML 101Page - Analog Devices AD9173 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 98 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x126
DDSM_ACC_
MODULUS2
[7:0]
DDSM_ACC_
MODULUS[23:16]
Sets DDSM_ACC_MODULUS. If
DDSM_MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSM_FTW
+ DDSM_ACC_DELTA/DDSM_ACC_MODULUS)/
248. DDSM_ACC_DELTA must be >
0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x127
DDSM_ACC_
MODULUS3
[7:0]
DDSM_ACC_
MODULUS[31:24]
Sets DDSM_ACC_MODULUS. If
DDSM_MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSM_FTW
+ DDSM_ACC_DELTA/DDSM_ACC_MODULUS)/
248. DDSM_ACC_DELTA must be >
0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x128
DDSM_ACC_
MODULUS4
[7:0]
DDSM_ACC_
MODULUS[39:32]
Sets DDSM_ACC_MODULUS. If
DDSM_MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSM_FTW
+ DDSM_ACC_DELTA/DDSM_ACC_MODULUS)/
248. DDSM_ACC_DELTA must be >
0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x129
DDSM_ACC_
MODULUS5
[7:0]
DDSM_ACC_
MODULUS[47:40]
Sets DDSM_ACC_MODULUS. If
DDSM_MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSM_FTW
+ DDSM_ACC_DELTA/DDSM_ACC_MODULUS)/
248. DDSM_ACC_DELTA must be >
0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x12A
DDSM_ACC_DELTA0
[7:0]
DDSM_ACC_
DELTA[7:0]
Sets DDSM_ACC_DELTA. If DDSM_MODULUS_EN
is high, main datapath NCO frequency =
fDAC × (DDSM_FTW + DDSM_ACC_DELTA/
DDSM_ACC_MODULUS)/248. DDSM_ACC_DELTA
must be > 0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x12B
DDSM_ACC_DELTA1
[7:0]
DDSM_ACC_
DELTA[15:8]
Sets DDSM_ACC_DELTA. If DDSM_MODULUS_EN
is high, main datapath NCO frequency =
fDAC × (DDSM_FTW + DDSM_ACC_DELTA/
DDSM_ACC_MODULUS)/248. DDSM_ACC_DELTA
must be > 0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x12C
DDSM_ACC_DELTA2
[7:0]
DDSM_ACC_
DELTA[23:16]
Sets DDSM_ACC_DELTA. If DDSM_MODULUS_EN
is high, main datapath NCO frequency =
fDAC × (DDSM_FTW + DDSM_ACC_DELTA/
DDSM_ACC_MODULUS)/248. DDSM_ACC_DELTA
must be > 0. DDSM_ACC_DELTA must be >
DDSM_ACC_MODULUS. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com