Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9173 Datasheet HTML 53Page - Analog Devices AD9173 Datasheet HTML 54Page - Analog Devices AD9173 Datasheet HTML 55Page - Analog Devices AD9173 Datasheet HTML 56Page - Analog Devices AD9173 Datasheet HTML 57Page - Analog Devices AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 57 of 144
Table 46. Main Datapath NCO FTW Registers
Address
Value
Description
0x114
DDSM_FTW[7:0]
8 LSBs of FTW
0x115
DDSM_FTW[15:8]
Next 8 bits of FTW
0x116
DDSM_FTW[23:16]
Next 8 bits of FTW
0x117
DDSM_FTW[31:24]
Next 8 bits of FTW
0x118
DDSM_FTW[39:32]
Next 8 bits of FTW
0x119
DDSM_FTW[47:40]
8 MSBs of FTW
Unlike other registers, the FTW registers are not updated immedi-
ately upon writing. Instead, the FTW registers update on the rising
edge of DDSM_FTW_LOAD_REQ (Register 0x113, Bit 0). After an
update request, DDSM_FTW_LOAD_ACK (Register 0x113, Bit 1)
must be high to acknowledge that the FTW updated.
The DDSM_SEL_SIDEBAND bit (Register 0x112, Bit 1 = 0b1) is a
convenience bit that can be set to use the lower sideband modula-
tion result, which is equivalent to flipping the sign of the FTW.
Figure 76. NCO Modulator Block Diagram
Main Datapath Modulus NCO Mode (Direct
Digital Synthesis (DDS))
Each of the main datapath 48-bit NCOs can also be used in a
dual modulus mode to create fractional frequencies beyond the
48-bit accuracy. The modulus mode is enabled by programming the
DDSM_MODULUS_EN bit in the DDSM_DATAPATH_CFG register
to 1 (Register 0x112, Bit 2 = 0b1).
The frequency ratio for the programmable modulus DDS is very
similar to that of the typical accumulator based DDS. The only
difference is that N is not required to be a power of two for the
programmable modulus, but can be an arbitrary integer. In practice,
hardware constraints place limits on the range of values for N. As a
result, the modulus extends the use of the NCO to applications that
require exact rational frequency synthesis. The underlying function
of the programmable modulus technique is to alter the accumulator
modulus.
Implementation of the programmable modulus function within the
AD9173 is such that the fraction, M/N, is expressible by the
following equation. Note that the form of the equation implies a
compound frequency tuning word with X representing the integer
part and A/B representing the fractional part.
fCARRIER
fDAC
=MN=X+AB248
where:
X is programmed in Register 0x114 to Register 0x119.
A is programmed in Register 0x12A to Register 0x12F.
B is programmed in Register 0x124 to Register 0x129.
Programmable Modulus Example
Consider the case in which fDAC = 12 GHz and the desired value of
fCARRIER is 1.2 GHz. This scenario synthesizes an output frequen-
cy that is not a power of two submultiple of the sample rate,
namely fCARRIER = (1/10) fNCO, which is not possible with a typical
accumulator based DDS. The frequency ratio, fCARRIER/fDAC, leads
directly to M and N, which are determined by reducing the fraction
(1,200,000,000/12,000,000,000) to its lowest terms, that is,
M/N = 1,200,000,000/12,000,000,000 = 1/10
Therefore, M = 1 and N = 10.
After calculation, X = 28,147,497,671,065, A = 3, and B = 5.
Programming these values into the registers for X, A, and B (X
is programmed in Register 0x114 to Register 0x119 for DDSM_
FTWx, B is programmed in Register 0x124 to Register 0x129 for
DDSM_ACC_MODULUSx, and A is programmed in Register 0x12A
to Register 0x12F for DDSM_ACC_DELTAx) causes the NCO to
produce an output frequency of exactly 1.2 GHz given a 12 GHz
sampling clock. For more details, refer to the AN-953 Application
Note.
NCO Reset
Resetting the NCO can be useful when determining the start time
and phase of the NCO. The NCO can be reset by several different
methods, including via an SPI write or by the SYSREF± signal.
Calibration NCO
There is an additional 32-bit calibration NCO option as part of the
main DAC NCO block, shown in Figure 68. Register 0x1E6, Bit 0
controls whether the 32-bit calibration NCO is in use in the main
datapath, or if the normal 48-bit main NCO is used. First, enable
the calibration NCO accumulator by setting Register 0x1E6, Bit 2
= 1. Then, program the calibration NCO FTW in Register 0x1E2
to Register 0x1E5 and update the FTW to take effect by toggling
Register 0x113, Bit 0 from 0 to 1. Select the calibration NCO to be
used instead of the main NCO by setting Register 0x1E6, Bit 0 =
1 If using the calibration NCO along with the internal dc amplitude
level, enable the dc amplitude injection feature by setting Register
0x1E6, Bit 1 = 1.
Modulator Switch
The final DAC NCO block has an added functionality of a modulator
switch that allows the user to select the desired outputs of the NCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com