Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
Data Sheet
AD9173
APPLICATIONS INFORMATION
analog.com
Rev. C | 62 of 144
►
If using standard vias, use the maximum via length to minimize
the stub size. For example, on an 8-layer board, use Layer 7 for
the stripline pair (see Figure 82).
►
For each via pair, place a pair of ground vias adjacent to them to
minimize the impedance discontinuity (see Figure 82).
Figure 82. Minimizing Stub Effect and Adding Ground Vias for Differential
Stripline Traces
Return Loss
The JESD204B specification limits the amount of return loss al-
lowed in a converter device and a logic device but does not
specify return loss for the channel. However, make every effort to
maintain a continuous impedance on the transmission line between
the transmitting logic device and the AD9173. Minimizing the use
of vias, or eliminating them entirely, reduces one of the primary
sources for impedance mismatches on a transmission line (see
the Insertion Loss section). Maintain a solid reference beneath (for
microstrip) or above and below (for stripline) the differential traces
to ensure continuity in the impedance of the transmission line. If
the stripline technique is used, follow the guidelines listed in the
Insertion Loss section to minimize impedance mismatches and stub
effects.
Another primary source for impedance mismatch is at either end
of the transmission line, where care must be taken to match the
impedance of the termination to that of the transmission line. The
AD9173 handles this matching internally with a calibrated termina-
tion scheme for the receiving end of the line. See the Interface
Power-Up and Input Termination section for details on this circuit
and the calibration routine.
Signal Skew
There are many sources for signal skew, but the two sources
to consider when laying out a PCB are interconnect skew within
a single JESD204B link and skew between multiple JESD204B
links. In each case, keeping the channel lengths matched to within
10 mm (calculated by 12.5 mm × (12.5 Gbps/15 Gbps)) is adequate
for operating the JESD204B link at speeds of up to 15 Gbps. This
amount of channel length match is equivalent to about 85% UI
on the AD9173 evaluation board. Managing the interconnect skew
within a single link is straightforward.
Managing multiple links across multiple devices is more complex.
However, follow the 10 mm guideline for length matching. The
AD9173 can handle more skew than the 85% UI due to the 6 PCLK
buffer in the JESD204B receiver, but matching the channel lengths
as close as possible is recommended.
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to ground
for each half of the pair. Stripline vs. microstrip trade-offs are descri-
bed in the Insertion Loss section. In either case, it is important
to keep these transmission lines separated from potential noise
sources, such as high speed digital signals and noisy supplies.
If using stripline differential traces, route them using a coplanar
method, with both traces on the same layer. Although this method
does not offer more noise immunity than the broadside routing
method (traces routed on adjacent layers), it is easier to route
and manufacture so that the impedance continuity is maintained.
Broadside vs. coplanar differential Tx lines are shown in Figure 83.
Figure 83. Broadside vs. Coplanar Differential Stripline Routing Techniques
When considering the trace width vs. copper weight and thickness,
the speed of the interface must be considered. At multigigabit
speeds, the skin effect of the conducting material confines the
current flow to the surface. Maximize the surface area of the
conductor by making the trace width wider to reduce the losses.
Additionally, loosely couple differential traces to accommodate the
wider trace widths. This coupling helps reduce the crosstalk and
minimize the impedance mismatch when the traces must separate
to accommodate components, vias, connectors, or other routing
obstacles. Tightly coupled vs. loosely coupled differential traces are
shown in Figure 84.
Figure 84. Tightly Coupled vs. Loosely Coupled Differential Traces
AC Coupling Capacitors
The AD9173 requires that the JESD204B input signals be ac‑cou-
pled to the source. These capacitors must be 100 nF and placed as
close as possible to the transmitting logic device. To minimize the
impedance mismatch at the pads, select the package size of the
capacitor so that the pad size on the PCB matches the trace width
as closely as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com