Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9173 Datasheet HTML 55Page - Analog Devices AD9173 Datasheet HTML 56Page - Analog Devices AD9173 Datasheet HTML 57Page - Analog Devices AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 59 of 144
Ramp Up/Down Gain
In each of the main datapaths, the ramp-up and ramp-down gain
block is immediately before the digital datapath enters the analog
DAC core for decoding. This block works in conjunction with the
power detection and protection (PDP) block to protect any down-
stream components from large power peaks or long, high average
power.
Various trigger signals can be configured in the PA protection
block to trigger a gain ramp-down to mute the data being trans-mit-
ted out of the DAC, as shown in Figure 73. The ramp-up and
ramp-down steps can be configured via the SPI in Register 0x580,
Bits[2:0]. The equation for the ramp-up and ramp-down occurs in
32 steps over 2(CODE + 8) DAC clock periods. This control can be
configured individually for each of the DAC ramp blocks via the
MAINDAC_PAGE control in Register 0x008.
After the data is ramped down from one of the triggers, it can
be ramped back up in two of the following ways after the error
condition is cleared. If the SPI protection control bit triggered the
interrupt for a ramp-down, the SPI is then also used to ramp the
data back up by toggling Register 0x582, Bit 7 from 0 to 1, and then
back to 0.
Additionally, an option exists to mute the digital data during a digital
clock rotation if the ROTATE_SOFT_OFF_EN control in Register
0x581, Bit 2 is set to 1. When this bit is set, the synchronization
logic rotation triggers the DAC ramp-down block, rotates the digital
clocks, and ramps back up. These actions only occur if Bit 1 of the
ROTATION_MODE control in Register 0x03B is set to 1 to enable a
datapath clock rotation when the synchronization logic rotates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com