Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9173 Datasheet HTML 78Page - Analog Devices AD9173 Datasheet HTML 79Page - Analog Devices AD9173 Datasheet HTML 80Page - Analog Devices AD9173 Datasheet HTML 81Page - Analog Devices AD9173 Datasheet HTML 82Page - Analog Devices AD9173 Datasheet HTML 83Page - Analog Devices AD9173 Datasheet HTML 84Page - Analog Devices AD9173 Datasheet HTML 85Page - Analog Devices AD9173 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
Data Sheet
AD9173
REGISTER SUMMARY
analog.com
Rev. C | 82 of 144
Table 59. Register Summary
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x42E
COMPSUM4_
LL_FCMP4
0x00
R
REG
0x432
LID5_REG
RESERVED
LL_LID5
0x00
R
0x435
CHECKSUM5_
LL_FCHK5
0x00
R
REG
0x436
COMPSUM5_
LL_FCMP5
0x00
R
REG
0x43A
LID6_REG
RESERVED
LL_LID6
0x00
R
0x43D
CHECKSUM6_
LL_FCHK6
0x00
R
REG
0x43E
COMPSUM6_
LL_FCMP6
0x00
R
REG
0x442
LID7_REG
RESERVED
LL_LID7
0x00
R
0x445
CHECKSUM7_
LL_FCHK7
0x00
R
REG
0x446
COMPSUM7_
LL_FCMP7
0x00
R
REG
0x450
ILS_DID
DID
0x00
R/W
0x451
ILS_BID
BID
0x00
R/W
0x452
ILS_LID0
RESERVED
ADJDIR
PHADJ
LID0
0x00
R/W
0x453
ILS_SCR_L
SCR
RESERVED
L-1
0x87
R/W
0x454
ILS_F
F-1
0x00
R/W
0x455
ILS_K
RESERVED
K-1
0x1F
R/W
0x456
ILS_M
M-1
0x01
R/W
0x457
ILS_CS_N
CS
RESERVED
N-1
0x0F
R/W
0x458
ILS_NP
SUBCLASSV
NP-1
0x0F
R/W
0x459
ILS_S
JESDV
S-1
0x01
R/W
0x45A
ILS_HD_CF
HD
RESERVED
CF
0x80
R
0x45B
ILS_RES1
RES1
0x00
R/W
0x45C
ILS_RES2
RES2
0x00
R/W
0x45D
ILS_
CHECKSUM
FCHK0
0x00
R/W
0x46C
LANE_DESKEW ILD7
ILD6
ILD5
ILD4
ILD3
ILD2
ILD1
ILD0
0x00
R
0x46D
BAD_
DISPARITY
BDE7
BDE6
BDE5
BDE4
BDE3
BDE2
BDE1
BDE0
0x00
R
0x46E
NOT_IN_TABLE
NIT7
NIT6
NIT5
NIT4
NIT3
NIT2
NIT1
NIT0
0x00
R
0x46F
UNEXPECTED_
UEK7
UEK6
UEK5
UEK4
UEK3
UEK2
UEK1
UEK0
0x00
R
KCHAR
0x470
CODE_GRP_
CGS7
CGS6
CGS5
CGS4
CGS3
CGS2
CGS1
CGS0
0x00
R
SYNC
0x471
FRAME_SYNC
FS7
FS6
FS5
FS4
FS3
FS2
FS1
FS0
0x00
R
0x472
GOOD_
CKS7
CKS6
CKS5
CKS4
CKS3
CKS2
CKS1
CKS0
0x00
R
CHECKSUM
0x473
INIT_LANE_
SYNC
ILS7
ILS6
ILS5
ILS4
ILS3
ILS2
ILS1
ILS0
0x00
R
0x475
CTRLREG0
RESERVED
SOFTRST
FORCE-
SYNCREQ
RESERVED REPL_FRM_
ENA
0x01
R/W
0x476
CTRLREG1
RESERVED
QUAL_RDERR
RESERVED
FCHK_N
0x14
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com