Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices AD9173 Datasheet HTML 67Page - Analog Devices AD9173 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
Data Sheet
AD9173
ANALOG INTERFACE CONSIDERATIONS
analog.com
Rev. C | 64 of 144
DAC INPUT CLOCK CONFIGURATIONS
The AD9173 DAC sample clock or device clock (DACCLK) can be
sourced directly through CLKIN± (Pin H12 and Pin J12) or by using
the on-chip, integrated, integer PLL VCO with the same CLKIN± dif-
ferential input serving as the reference. Clock multiplying employs
the on-chip DAC PLL that accepts a reference clock operating at a
submultiple of the desired DACCLK rate. The PLL then multiplies
the reference clock up to the desired DACCLK frequency, which
generates all the clocks within the AD9173, as shown in Figure 88.
The AD9173 contains a low jitter, differential clock receiver that is
capable of interfacing directly to a differential or single-ended clock
source. Because the input is self biased with a nominal impedance
of 100 Ω, it is recommended that the clock source be ac-coupled
to the CLKIN± input pins. Improved phase noise performance can
be achieved with a higher clock input level. The quality of the
clock source, as well as its interface to the AD9173 clock input,
directly impacts ac performance. Select the phase noise and spur
characteristics of the clock source to meet the target application
requirements. The typical phase noise performance when directly
clocking the AD9173 with the input clock duty cycle correction on
(enabled by default) is shown in Figure 87 compared to the on-chip
PLL phase noise.
Figure 86. Clock Receiver Input Simplified Equivalent Circuit
Figure 87. Phase Noise vs. Frequency Offset; Direct Clock and PLL Phase Noise, 12 GHz DAC Sample Rate, 1.65 GHz Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com