Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9173 Datasheet HTML 57Page - Analog Devices AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
Data Sheet
AD9173
APPLICATIONS INFORMATION
analog.com
Rev. C | 61 of 144
HARDWARE CONSIDERATIONS
Power Supply Recommendations
All the AD9173 supply domains must remain as noise free as
possible for the best operation. Power supply noise has a frequency
component that affects performance, and is specified in V rms.
An LC filter on the output of the power supply is recommended to
attenuate the noise, and must be placed as close to the AD9173
as possible. The AVDD1.0 supply, which supplies the clock receiver
and DAC analog core circuitry, and the AVDD1.8 supply, which
powers the DAC output and DAC PLL blocks, are the most noise
sensitive supplies on the device. It is highly recommended that
AVDD1.0 and AVDD1.8 be supplied separately with ultralow noise
regulators, such as the ADP1763 and ADM7154 or better to ach-
ieve the best phase noise performance possible. Noisier regulators
impose phase noise onto the DAC output.
The DVDD1.0 supply provides power to the digital datapath blocks
and the SVDD1.0 supply powers the SERDES circuitry on the chip.
The DVDD1.8 supply powers circuitry blocks related to the SPI,
SYNCOUTx± transmitter, SYSREF receiver, IRQx, RESET, and
TXENx circuitry.
Take note of the maximum power consumption numbers shown in
Table 4 to ensure the power supply design can tolerate temperature
and IC process variation extremes. The amount of current drawn is
dependent on the chosen use cases, and specifications are provid-
ed for several use cases to illustrate examples and contributions
from individual blocks, and to assist in calculating the maximum
required current per supply.
Another consideration for the power supply design is peak current
handling capability. The AD9173 draws more current in the main
digital supply when synthesizing a signal with significant amplitude
variations, such as a modulated signal, as compared to when in idle
mode or synthesizing a dc signal. Therefore, the power supply must
be able to supply current quickly to accommodate burst signals
such as GSM, TDMA, or other signals that have an on or off
time domain response. Because the amount of current variation
depends on the signals used, it is best to perform lab testing first
to establish ranges. A typical difference can be several hundred
milliamperes.
Power and Ground Planes
Solid ground planes are recommended to avoid ground loops and
to provide a solid, uninterrupted ground reference for the high
speed transmission lines that require controlled impedances. It
is recommended that power planes be stacked between ground
layers for high frequency filtering. Doing so adds extra filtering
and isolation between power supply domains in addition to the
decoupling capacitors.
Do not use segmented power planes as a reference for controlled
impedances unless the entire length of the controlled impedance
trace traverses across only a single segmented plane. These and
additional guidelines for the topology of high speed transmission
lines are described in the JESD204B Serial Interface Inputs (SER-
DIN0± to SERDIN7±) section.
For some applications, where highest performance and higher
output frequencies are required, the choice of PCB materials signifi-
cantly impacts results. For example, materials such as polyimide or
materials from the Rogers Corporation can be used, for example, to
improve tolerance to high temperatures and improve performance.
Rogers 4350 material is used for the top three layers in some of
the evaluation board designs: between the top signal layer and the
ground layer below it.
JESD204B Serial Interface Inputs (SERDIN0± to
SERDIN7±)
When considering the layout of the JESD204B serial interface
transmission lines, there are many factors to consider to maintain
optimal link performance. Among these factors are insertion loss,
return loss, signal skew, and the topology of the differential traces.
Insertion Loss
The JESD204B specification limits the amount of insertion loss
allowed in the transmission channel (see Figure 52). The AD9173
equalization circuitry allows significantly more loss in the channel
than is required by the JESD204B specification. It is still important
that the designer of the PCB minimize the amount of insertion loss
by adhering to the following guidelines:
►
Keep the differential traces short by placing the AD9173 as close
to the transmitting logic device as possible and routing the trace
as directly as possible between the devices.
►
Route the differential pairs on a single plane using a solid ground
plane as a reference. It is recommended to route the SERDES
lanes on the same layer as the AD9173 to avoid vias being used
in the SERDES lanes.
►
Use a PCB material with a low dielectric constant (<4) to mini-
mize loss, if possible.
When choosing between the stripline and microstrip techniques,
keep in mind the following considerations: stripline has less loss
(see Figure 53 and Figure 54) and emits less EMI, but requires
the use of vias that can add complexity to the task of controlling
the impedance; whereas microstrip is easier to implement (if the
component placement and density allow routing on the top layer)
and eases the task of controlling the impedance.
If using the top layer of the PCB is problematic or the advantages of
stripline are desirable, follow these recommendations:
►
Minimize the number of vias.
►
If possible, use blind vias to eliminate via stub effects and use
microvias to minimize via inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com