Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9173 Datasheet HTML 11Page - Analog Devices AD9173 Datasheet HTML 12Page - Analog Devices AD9173 Datasheet HTML 13Page - Analog Devices AD9173 Datasheet HTML 14Page - Analog Devices AD9173 Datasheet HTML 15Page - Analog Devices AD9173 Datasheet HTML 16Page - Analog Devices AD9173 Datasheet HTML 17Page - Analog Devices AD9173 Datasheet HTML 18Page - Analog Devices AD9173 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 144 page
background image
Data Sheet
AD9173
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 15 of 144
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
device clock (DACCLK) when the DAC PLL is off. AC couple this input. There is an internal 100 Ω
resistor between this pin and CLKIN−.
H12
CLKIN−
Negative Device Clock Input.
K1
CLKOUT+
Positive Device Clock Output. This pin is the clock output of a divided down DACCLK and is
available with the DAC PLL on and off. The divide down ratios are by 1, 2, or 4.
L1
CLKOUT−
Negative Device Clock Output.
System Reference
H1
SYSREF+
Positive System Reference Input. It is recommended to ac couple this pin, but dc coupling is also
acceptable. See Table 7 for the dc common-mode voltage.
H2
SYSREF−
Negative System Reference Input. It is recommended to ac couple this pin, but dc coupling is also
acceptable. See Table 7 for the dc common-mode voltage.
On-Chip DAC PLL Loop Filter
H6
FILT_FINE
On-Chip DAC Clock Multiplier and PLL Fine Loop Filter Input.
H7
FILT_COARSE
On-Chip DAC Clock Multiplier and PLL Coarse Loop Filter Input.
J7
FILT_BYP
On-Chip DAC Clock Multiplier and LDO Bypass.
K6
FILT_VCM
On-Chip DAC Clock Multiplier and VCO Common-Mode Input.
SERDES Data Bits
A2
SERDIN7+
SERDES Data Bit 7, Positive.
B2
SERDIN7−
SERDES Data Bit 7, Negative.
A3
SERDIN6+
SERDES Data Bit 6, Positive.
B3
SERDIN6−
SERDES Data Bit 6, Negative.
A4
SERDIN5+
SERDES Data Bit 5, Positive.
B4
SERDIN5−
SERDES Data Bit 5, Negative.
A5
SERDIN4+
SERDES Data Bit 4, Positive.
B5
SERDIN4−
SERDES Data Bit 4, Negative.
A8
SERDIN3+
SERDES Data Bit 3, Positive.
B8
SERDIN3−
SERDES Data Bit 3, Negative.
A9
SERDIN2+
SERDES Data Bit 2, Positive.
B9
SERDIN2−
SERDES Data Bit 2, Negative.
A10
SERDIN1+
SERDES Data Bit 1, Positive.
B10
SERDIN1−
SERDES Data Bit 1, Negative.
A11
SERDIN0+
SERDES Data Bit 0, Positive.
B11
SERDIN0−
SERDES Data Bit 0, Negative.
Sync Output
D12
SYNCOUT0+
Positive Sync (Active Low) Output Signal, Channel Link 0. This pin is LVDS or CMOS selectable.
D11
SYNCOUT0−
Negative Sync (Active Low) Output Signal, Channel Link 0. This pin is LVDS or CMOS selectable.
D1
SYNCOUT1+
Positive Sync (Active Low) Output Signal, Channel Link 1. This pin is LVDS or CMOS selectable.
D2
SYNCOUT1−
Negative Sync (Active Low) Output Signal, Channel Link 1. This pin is LVDS or CMOS selectable.
Serial Port Interface
E4
SDO
Serial Port Data Output (CMOS Levels with Respect to DVDD1.8).
E7
SDIO
Serial Port Data Input/Output (CMOS Levels with Respect to DVDD1.8).
E5
SCLK
Serial Port Clock Input (CMOS Levels with Respect to DVDD1.8).
E6
CS
Serial Port Chip Select, Active Low (CMOS Levels with Respect to DVDD1.8).
E8
RESET
Reset, Active Low (CMOS Levels with Respect to DVDD1.8).
Interrupt Request
D9
IRQ0
Interrupt Request 0. This pin is an open-drain, active low output (CMOS levels with respect to
DVDD1.8). Connect a pull-up resistor to DVDD1.8 to prevent this pin from floating when inactive.
E9
IRQ1
Interrupt Request 1. This pin is an open-drain, active low output (CMOS levels with respect to
DVDD1.8). Connect a pull-up resistor to DVDD1.8 to prevent this pin from floating when inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com