Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices AD9173 Datasheet HTML 67Page - Analog Devices AD9173 Datasheet HTML 68Page - Analog Devices AD9173 Datasheet HTML 69Page - Analog Devices AD9173 Datasheet HTML 70Page - Analog Devices AD9173 Datasheet HTML 71Page - Analog Devices AD9173 Datasheet HTML 72Page - Analog Devices AD9173 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
Data Sheet
AD9173
START-UP SEQUENCE
analog.com
Rev. C | 69 of 144
Table 53. JESD204B Mode Setup
R/W
Register
Bits
Value
Description
0b1 = dual-link mode.
2
0b0
Select Link 0 for setup. This bit selects the link QBD being paged.
0b0 = Link 0 (QBD0).
0b1 = Link 1 (QBD1).
[1:0]
0b00
Keep links disabled until end of routine.
W
0x475
[7:0]
0x09
Soft reset the JESD204B quad-byte deframer.
W
0x453
7
SCR
Set scrambling option for SERDES data.
0 = disable scrambling.
1 = enable scrambling.
[4:0]
L−1
Write the L value (in n − 1 notation) for the selected JESD_MODE.
W
0x458
[7:5]
SUBCLASSV
For Subclass 0, set this bit to 0. For Subclass 1, set this bit to 1.
[4:0]
NP−1
Write the NP value (in n − 1 notation) for the selected JESD_MODE.
W
0x475
[7:0]
0x01
Bring the JESD204B quad-byte deframer out of reset.
W
0x300
If running in dual link mode, repeat writes for Link 1 as follows. If running in single-link mode, skip the
remaining steps in this table.
3
LINK_MODE
Corresponds to the mode selection made in Register 0x110.
0b0 = single-link mode.
0b1 = dual link mode.
2
0b1
Select Link 1 for setup. This bit selects which link QBD is being paged.
0b0 = Link 0 (QBD0).
0b1 = Link 1 (QBD1).
[1:0]
0b00
Keep links disabled until end of routine.
W
0x475
[7:0]
0x09
Soft reset the JESD204B quad-byte deframer.
W
0x453
7
SCR
Set scrambling option for SERDES data.
0 = disable scrambling.
1 = enable scrambling.
W
0x458
[4:0]
L−1
Write the L value (in n − 1 notation) for the selected JESD_MODE.
[7:5]
SUBCLASSV
For Subclass 0, set this bit to 0. For Subclass 1, set this bit to 1.
[4:0]
NP−1
Write the NP value (in n − 1 notation) for the selected JESD_MODE.
W
0x475
[7:0]
0x01
Bring the JESD204B quad-byte deframer out of reset.
Table 54 lists optional registers to configure the channel datapaths if they are being configured for a specific application. If the channel
datapaths are bypassed (CH_INTERP_MODE = 1 for 1× channel interpolation), Table 54 can be skipped in the start-up sequence.
Table 54. Channel Datapath Setup: Digital Gain and Channel NCOs
R/W
Register
Bits
Value
Description
W
0x008
[5:0]
CHANNEL_PAGE. Select the channels to be programmed at the same time (or repeat this block for each channel to
independently program values). Bit x of this control corresponds to the Channel x datapath.
W
0x146
[7:0]
CHNL_GAIN[7:0]. Write LSBs of channel digital gain. Configure digital gain for selected channels in Paging Register 0x008.
Calculation: CHNL_GAIN = 211 × 10(dBGain/20) where dBGain is the gain value in dB for the channel gain desired.
W
0x147
[7:0]
CHNL_GAIN[11:8]. Write MSBs of channel digital gain. Calculations shown in Register 0x146.
W
0x130
6
Enable NCO for selected channels in paging Register 0x008.
0b0 = disable NCO.
0b1 = enable NCO.
2
Enable NCO modulus for selected channels in paging Register 0x008.
0b0 = disable NCO modulus.
0b1 = enable NCO modulus.
1
Select sideband from modulation result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com