Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9173 Datasheet HTML 51Page - Analog Devices AD9173 Datasheet HTML 52Page - Analog Devices AD9173 Datasheet HTML 53Page - Analog Devices AD9173 Datasheet HTML 54Page - Analog Devices AD9173 Datasheet HTML 55Page - Analog Devices AD9173 Datasheet HTML 56Page - Analog Devices AD9173 Datasheet HTML 57Page - Analog Devices AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
Data Sheet
AD9173
DIGITAL DATAPATH
analog.com
Rev. C | 55 of 144
Figure 73. Block Diagram of Downstream Protection Triggers
Figure 74. PDP Block Diagram
Power Detection and Protection (PDP) Block
The PDP block detects the average power of the DAC input signal
and prevents overrange signals from being passed to the next
stage, which may potentially cause destructive breakdown on pow-
er sensitive devices, such as PAs. The protection function provides
a signal, PDP_PROTECT, that can shut down the DAC outputs or
be routed externally to shut down a PA.
The PDP block uses a separate path with a shorter latency than
the datapath to ensure that PDP_PROTECT is triggered before the
overrange signal reaches the analog DAC cores (except when the
total interpolation is 1×). The sum of the I2 and Q2 are calculated
as a representation of the input signal power (only the top six MSBs
of data samples are used). The calculated sample power numbers
are accumulated through a moving average filter with an output that
is the average of the input signal power in a certain number of
samples.
There are two types of average filters with different lengths: the
short filter detects pulses with high power in the digital domain and
the long filter detects high power in the digital domain, which lasts
longer than the thermal constant of the PA.
When the output of the averaging filter is larger than the threshold,
the internal signal, PDP_PROTECT, goes high, which can optional-
ly be configured to trigger an IRQ flag and turn off the DAC output
through the ramp-up/ramp-down.
The PDP block is configured as shown in Figure 74.
The long and short averaging time is configured by the LONG_
PA_AVG_TIME (Register 0x585, Bits [3:0]) and the SHORT_
PA_AVG_TIME (Register 0x58A, Bits [1:0]) controls. Use the follow-
ing calculations to determine the average window size times:
Length of Long Average Window = 2LONG_PP_AVG_TIME + 9
Length of Short Average Window = 2SHORT_PA_AVG_TIME
When the average calculation value exceeds a specified threshold,
the ramp-down signal is triggered to ramp down the output. The
thresholds for the long and short average options are programmed
in the registers listed in Table 42, along with their respective
detected power calculation readbacks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com