Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 108 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9173 Datasheet HTML 104Page - Analog Devices AD9173 Datasheet HTML 105Page - Analog Devices AD9173 Datasheet HTML 106Page - Analog Devices AD9173 Datasheet HTML 107Page - Analog Devices AD9173 Datasheet HTML 108Page - Analog Devices AD9173 Datasheet HTML 109Page - Analog Devices AD9173 Datasheet HTML 110Page - Analog Devices AD9173 Datasheet HTML 111Page - Analog Devices AD9173 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 108 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
SYNCOUT0± is set to LVDS output.
0x254
SYNCOUT1_CTRL
[7:1]
RESERVED
Reserved.
0x0
R/W
0
SEL_SYNCOUT1_
MODE
This control determines the output driver mode for
the SYNCOUT1± pin operation. Both SYNCOUT0±
and SYNCOUT1± must be set to the same mode of
operation.
0x0
R/W
0
SYNCOUT1± is set to CMOS output.
1
SYNCOUT1± is set to LVDS output.
0x280
PLL_ENABLE_CTRL
[7:3]
RESERVED
Reserved.
0x0
R
2
LOLSTICKYCLEAR_LC
PLL_RC
Clears out loss of lock bit.
0x0
R/W
1
LDSYNTH_LCPLL_RC
Pulse high to start VCO calibration (without restarting
the regulator or remeasuring the temperature).
0x0
R/W
0
SERDES_PLL_
STARTUP
SERDES circuitry blocks are powered off when this
bit is set to 0. Set this bit to 1 at the end of the
SERDES configuration writes. When this bit is set
to 1, it powers up the SERDES PLL blocks and
starts the LDO and calibration routine to lock the
PLL auto-matically to the appropriate lane rate based
on the JESD204B mode and interpolation options
programmed in the device. The SERDES_PLL_LOCK
bit (Register 0x281, Bit 0) reads 1 when the PLL
achieves lock.
0x1
R/W
0x281
PLL_STATUS
[7:1]
RESERVED
Reserved.
0x0
R
0
SERDES_PLL_LOCK
PLL is locked when this bit is high.
0x0
R
0x300
GENERAL_JRX_
[7:4]
RESERVED
Reserved.
0x0
R
CTRL_0
3
LINK_MODE
Reads back 0 when in single-link mode and 1 when in
dual-link mode.
0x0
R/W
2
LINK_PAGE
Link paging. This bit selects which link register map is
used. This paging affects Register 0x400 to Register
0x4BB.
0x0
R/W
0
Page QBD0 for Link 0.
1
Page QBD1 for Link 1.
[1:0]
LINK_EN
These bits bring up the JESD204B digital Rx when
all link parameters are programmed and all clocks are
ready. Bit 0 applies to Link 0, whereas Bit 1 applies to
Link 1. Link 1 is only available in dual-link mode.
0x0
R/W
0x302
DYN_LINK_
[7:6]
RESERVED
Reserved.
0x0
R
LATENCY_0
[5:0]
DYN_LINK_
LATENCY_0
Dynamic link latency, Link 0. Latency between the
LMFC Rx for Link 0 and the last arriving LMFC
boundary in units of PCLK cycles.
0x0
R
0x303
DYN_LINK_
[7:6]
RESERVED
Reserved.
0x0
R
LATENCY_1
[5:0]
DYN_LINK_
LATENCY_1
Dynamic link latency, Link 1. Latency between the
LMFC Rx for Link 1 and the last arriving LMFC
boundary in units of PCLK cycles.
0x0
R
0x304
LMFC_DELAY_0
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
LMFC_DELAY_0
LMFC delay, Link 0. Delay from the LMFC to the
LMFC Rx for Link 0 in units of PCLK cycles.
0x0
R/W
0x305
LMFC_DELAY_1
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
LMFC_DELAY_1
LMFC delay, Link 1. Delay from the LMFC to the
LMFC Rx for Link 1 in units of PCLK cycles.
0x0
R/W
0x306
LMFC_VAR_0
[7:6]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com