Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 107 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 107 Page - Analog Devices

Back Button AD9173 Datasheet HTML 103Page - Analog Devices AD9173 Datasheet HTML 104Page - Analog Devices AD9173 Datasheet HTML 105Page - Analog Devices AD9173 Datasheet HTML 106Page - Analog Devices AD9173 Datasheet HTML 107Page - Analog Devices AD9173 Datasheet HTML 108Page - Analog Devices AD9173 Datasheet HTML 109Page - Analog Devices AD9173 Datasheet HTML 110Page - Analog Devices AD9173 Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 107 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
[5:4]
EQ_GAIN_PHY6
Equalizer gain for PHY 6 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[3:2]
EQ_GAIN_PHY5
Equalizer gain for PHY 5 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[1:0]
EQ_GAIN_PHY4
Equalizer gain for PHY 4 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
0x244
EQ_FB_PHY_0
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY_0
SERDES equalizer setting for PHY0. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x245
EQ_FB_PHY_1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY1
SERDES equalizer setting for PHY1. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x246
EQ_FB_PHY_2
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY2
SERDES equalizer setting for PHY2. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x247
EQ_FB_PHY_3
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY3
SERDES equalizer setting for PHY3. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x248
EQ_FB_PHY_4
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY4
SERDES equalizer setting for PHY4. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x249
EQ_FB_PHY_5
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY5
SERDES equalizer setting for PHY5. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x24A
EQ_FB_PHY_6
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY6
SERDES equalizer setting for PHY6. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x24B
EQ_FB_PHY_7
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
EQ_PHY7
SERDES equalizer setting for PHY7. Set this control
to 0x1F for optimal performance.
0x19
R/W
0x250
LBT_REG_CNTRL_0
[7:0]
EN_LBT_DES_RC_CH
Enable loopback test for desired physical lanes per
PHY, with Bit x corresponding to PHY x.
0x0
R/W
0x251
LBT_REG_CNTRL_1
[7:2]
RESERVED
Reserved.
0x0
R
1
EN_LBT_
HALFRATE_DES_RC
Enables half rate mode for the loopback test. If this bit
is set to 1, the output data rate = 2× the input clock
frequency. If this bit is set to 0, the output data rate =
the input clock frequency.
0x1
R/W
0
INIT_LBT_SYNC_
DES_RC
Initiate the loopback test by toggling this bit from 0 to
1, then back to 0.
0x0
R/W
0x253
SYNCOUT0_CTRL
[7:1]
RESERVED
Reserved.
0x0
R/W
0
SEL_SYNCOUT0_
MODE
This control determines the output driver mode for
the SYNCOUT0± pin operation. Both SYNCOUT0±
and SYNCOUT1± must be set to the same mode of
operation.
0x0
R/W
0
SYNCOUT0± is set to CMOS output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com