Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 106 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9173 Datasheet HTML 102Page - Analog Devices AD9173 Datasheet HTML 103Page - Analog Devices AD9173 Datasheet HTML 104Page - Analog Devices AD9173 Datasheet HTML 105Page - Analog Devices AD9173 Datasheet HTML 106Page - Analog Devices AD9173 Datasheet HTML 107Page - Analog Devices AD9173 Datasheet HTML 108Page - Analog Devices AD9173 Datasheet HTML 109Page - Analog Devices AD9173 Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 106 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
11
Insertion loss > 11 dB.
[3:2]
EQ_BOOST_PHY1
Equalizer setting for PHY 1 based on insertion loss of
the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[1:0]
EQ_BOOST_PHY0
Equalizer setting for PHY 0 based on insertion loss of
the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
0x234
CDR_BITINVERSE
SEL_IF_PARDATAINV_
DES_RC_CH
Output data inversion bit controls. Set Bit x
corresponding to PHY x to invert the bit polarity.
0x66
R/W
0
Not inverted.
1
Inverted.
0x241
EQ_BOOST_PHY_7_4
[7:6]
EQ_BOOST_PHY7
Equalizer setting for PHY 7 based on insertion loss of
the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[5:4]
EQ_BOOST_PHY6
Equalizer setting for PHY 6 based on insertion loss of
the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[3:2]
EQ_BOOST_PHY5
Equalizer setting for PHY 5 based on insertion loss of
the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[1:0]
EQ_BOOST_PHY4
Equalizer setting for PHY 4 based on insertion loss of
the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
0x242
EQ_GAIN_PHY_3_0
[7:6]
EQ_GAIN_PHY3
Equalizer gain for PHY 3 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[5:4]
EQ_GAIN_PHY2
Equalizer gain for PHY 2 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[3:2]
EQ_GAIN_PHY1
Equalizer gain for PHY 1 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[1:0]
EQ_GAIN_PHY0
Equalizer gain for PHY 0 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
0x243
EQ_GAIN_PHY_7_4
[7:6]
EQ_GAIN_PHY7
Equalizer gain for PHY 7 based on insertion loss of
the system.
0x3
R/W
01
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com