Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 111 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9173 Datasheet HTML 107Page - Analog Devices AD9173 Datasheet HTML 108Page - Analog Devices AD9173 Datasheet HTML 109Page - Analog Devices AD9173 Datasheet HTML 110Page - Analog Devices AD9173 Datasheet HTML 111Page - Analog Devices AD9173 Datasheet HTML 112Page - Analog Devices AD9173 Datasheet HTML 113Page - Analog Devices AD9173 Datasheet HTML 114Page - Analog Devices AD9173 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 111 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
3
EOMF_MASK_1
Mask end of multiframe (EOMF) from QBD1. Assert
SYNCOUT1± based on the loss of the multiframe
synchronization.
0x0
R/W
0
Do not assert SYNCOUT1± on loss of multiframe.
1
Assert SYNCOUT1± on loss of multiframe.
2
EOMF_MASK_0
Mask EOMF from QBD0. Assert SYNCOUT0± based
on the loss of the multiframe synchronization.
0x0
R/W
0
Do not assert SYNCOUT0± on loss of multiframe.
1
Assert SYNCOUT0± on loss of multiframe.
1
EOF_MASK_1
Mask EOF from QBD1. Assert SYNCOUT1± based
on loss of frame synchronization.
0x0
R/W
0
Do not assert SYNCOUT1± on loss of frame.
1
Assert SYNCOUT1± on loss of frame.
0
EOF_MASK_0
Mask EOF from QBD0. Assert SYNCOUT0± based
on loss of frame synchronization.
0x0
R/W
0
Do not assert SYNCOUT0± on loss of frame.
1
Assert SYNCOUT0± on loss of frame.
0x312
SYNCOUT_GEN_1
[7:4]
SYNC_ERR_DUR
Duration of SYNCOUTx± low for the purposes of the
synchronization error report. Duration = (0.5 + code)
PCLK cycles. To most closely match the specified
value, set these bits as close as possible to f/2 PCLK
cycles. These bits are shared between SYNCOUT0±
and SYNCOUT1±.
0x0
R/W
[3:0]
RESERVED
Reserved.
0x0
R/W
0x315
PHY_PRBS_TEST_EN
[7:0]
PHY_TEST_EN
Enable PHY BER by ungating the clocks.
0x0
R/W
0
PHY test disable.
1
PHY test enable.
0x316
PHY_PRBS_TEST_
7
RESERVED
Reserved.
0x0
R
CTRL
[6:4]
PHY_SRC_ERR_CNT
0x0
R/W
000
Report Lane 0 error count.
001
Report Lane 1 error count.
010
Report Lane 2 error count.
011
Report Lane 3 error count.
100
Report Lane 4 error count.
101
Report Lane 5 error count.
110
Report Lane 6 error count.
111
Report Lane 7 error count.
[3:2]
PHY_PRBS_PAT_SEL
Select PRBS pattern for PHY BER test.
0x0
R/W
00
PRBS7.
01
PRBS15.
10
PRBS31.
11
Not used.
1
PHY_TEST_START
Starts and stops the PHY PRBS test.
0x0
R/W
0
Test not started.
1
Test started.
0
PHY_TEST_RESET
Resets PHY PRBS test state machine and error
counters.
0x0
R/W
0
Not reset.
1
Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com