Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 115 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9173 Datasheet HTML 111Page - Analog Devices AD9173 Datasheet HTML 112Page - Analog Devices AD9173 Datasheet HTML 113Page - Analog Devices AD9173 Datasheet HTML 114Page - Analog Devices AD9173 Datasheet HTML 115Page - Analog Devices AD9173 Datasheet HTML 116Page - Analog Devices AD9173 Datasheet HTML 117Page - Analog Devices AD9173 Datasheet HTML 118Page - Analog Devices AD9173 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 115 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
001
JESD204B.
[4:0]
S_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x40A
HD_CF_REG
7
HD_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0
Low density mode.
1
High density mode.
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
CF_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x40B
RES1_REG
[7:0]
RES1_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x40C
RES2_REG
[7:0]
RES2_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x40D
CHECKSUM0_REG
[7:0]
LL_FCHK0
Received checksum during ILAS on Lane 0. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x40E
COMPSUM0_REG
[7:0]
LL_FCMP0
Computed checksum on Lane 0. This control is paged
by the LINK_PAGE control in Register 0x300.
0x0
R
0x412
LID1_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LL_LID1
Received ILAS LID configuration on Lane 1. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x415
CHECKSUM1_REG
[7:0]
LL_FCHK1
Received checksum during ILAS on Lane 1. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x416
COMPSUM1_REG
[7:0]
LL_FCMP1
Computed checksum on Lane 1. This control is paged
by the LINK_PAGE control in Register 0x300.
0x0
R
0x41A
LID2_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LL_LID2
Received ILAS LID configuration on Lane 2. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x41D
CHECKSUM2_REG
[7:0]
LL_FCHK2
Received checksum during ILAS on Lane 2. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x41E
COMPSUM2_REG
[7:0]
LL_FCMP2
Computed checksum on Lane 2. This control is paged
by the LINK_PAGE control in Register 0x300.
0x0
R
0x422
LID3_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LL_LID3
Received ILAS LID configuration on Lane 3. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x425
CHECKSUM3_REG
[7:0]
LL_FCHK3
Received checksum during ILAS on Lane 3. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x426
COMPSUM3_REG
[7:0]
LL_FCMP3
Computed checksum on Lane 3. This control is paged
by the LINK_PAGE control in Register 0x300.
0x0
R
0x42A
LID4_REG
[7:5]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com