Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 114 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9173 Datasheet HTML 110Page - Analog Devices AD9173 Datasheet HTML 111Page - Analog Devices AD9173 Datasheet HTML 112Page - Analog Devices AD9173 Datasheet HTML 113Page - Analog Devices AD9173 Datasheet HTML 114Page - Analog Devices AD9173 Datasheet HTML 115Page - Analog Devices AD9173 Datasheet HTML 116Page - Analog Devices AD9173 Datasheet HTML 117Page - Analog Devices AD9173 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 114 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
5
PHADJ_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
[4:0]
LL_LID0
Received ILAS LID configuration on Lane 0. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0x403
SCR_L_REG
7
SCR_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0
Scrambling is disabled.
1
Scrambling is enabled.
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
L_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
00000
1 lane per converter device.
00001
2 lanes per converter device.
00010
3 lanes per converter device.
00011
4 lanes per converter device.
0x404
F_REG
[7:0]
F_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0
1 octet per frame.
1
2 octets per frame.
10
3 octets per frame.
11
4 octets per frame.
0x405
K_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
K_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
00000
Default value.
11111
32 frames per multiframe.
0x406
M_REG
[7:0]
M_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x407
CS_N_REG
[7:6]
CS_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
5
RESERVED
Reserved.
0x0
R
[4:0]
N_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x408
NP_REG
[7:5]
SUBCLASSV_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
[4:0]
NP_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x409
S_REG
[7:5]
JESDV_RD-1
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
000
JESD204A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com