Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 112 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 112 Page - Analog Devices

Back Button AD9173 Datasheet HTML 108Page - Analog Devices AD9173 Datasheet HTML 109Page - Analog Devices AD9173 Datasheet HTML 110Page - Analog Devices AD9173 Datasheet HTML 111Page - Analog Devices AD9173 Datasheet HTML 112Page - Analog Devices AD9173 Datasheet HTML 113Page - Analog Devices AD9173 Datasheet HTML 114Page - Analog Devices AD9173 Datasheet HTML 115Page - Analog Devices AD9173 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 112 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x317
PHY_PRBS_TEST_
THRESHOLD_
LOBITS
[7:0]
PHY_PRBS_
THRESHOLD_
LOBITS
Bits[7:0] of the 24-bit threshold value to set the error
flag for the PHY PRBS test.
0x0
R/W
0x318
PHY_PRBS_TEST_
THRESHOLD_
MIDBITS
[7:0]
PHY_PRBS_
THRESHOLD_
MIDBITS
Bits[15:8] of the 24-bit threshold value to set the error
flag for the PHY PRBS test.
0x0
R/W
0x319
PHY_PRBS_TEST_
THRESHOLD_HIBITS
[7:0]
PHY_PRBS_
THRESHOLD_
HIBITS
Bits[23:16] of the 24-bit threshold value to set the
error flag for the PHY PRBS test.
0x0
R/W
0x31A
PHY_PRBS_TEST_
ERRCNT_LOBITS
[7:0]
PHY_PRBS_ERR_
CNT_LOBITS
Bits[7:0] of the 24-bit reported PHY BER error count
from the selected lane.
0x0
R
0x31B
PHY_PRBS_TEST_
ERRCNT_MIDBITS
[7:0]
PHY_PRBS_ERR_
CNT_MIDBITS
Bits[15:8] of the 24-bit reported PHY BER error count
from the selected lane.
0x0
R
0x31C
PHY_PRBS_TEST_
ERRCNT_HIBITS
[7:0]
PHY_PRBS_ERR_
CNT_HIBITS
Bits[23:16] of the 24-bit reported PHY BER error
count from the selected lane.
0x0
R
0x31D
PHY_PRBS_TEST_
STATUS
[7:0]
PHY_PRBS_PASS
Reports PHY BER pass/fail for each lane. Bit x is high
when Lane x passes.
0xFF
R
0x31E
PHY_DATA_
[7:2]
RESERVED
Reserved.
0x0
R
SNAPSHOT_CTRL
1
PHY_GRAB_MODE
This bit determines whether to use the trigger to grab
data.
0x0
R/W
0
Grab data when PHY_GRAB_DATA is set.
1
Grab data upon bit error.
0
PHY_GRAB_DATA
Transitioning this bit from 0 to 1 causes the logic to
store current receive data from one lane.
0x0
R/W
0x31F
PHY_SNAPSHOT_
DATA_BYTE0
[7:0]
PHY_SNAPSHOT_
DATA_BYTE0
Current data received. Represents
PHY_SNAPSHOT_DATA[7:0].
0x0
R
0x320
PHY_SNAPSHOT_
DATA_BYTE1
[7:0]
PHY_SNAPSHOT_
DATA_BYTE1
Current data received. Represents
PHY_SNAPSHOT_DATA[15:8].
0x0
R
0x321
PHY_SNAPSHOT_
DATA_BYTE2
[7:0]
PHY_SNAPSHOT_
DATA_BYTE2
Current data received. Represents
PHY_SNAPSHOT_DATA[23:16].
0x0
R
0x322
PHY_SNAPSHOT_
DATA_BYTE3
[7:0]
PHY_SNAPSHOT_
DATA_BYTE3
Current data received. Represents
PHY_SNAPSHOT_DATA[31:24].
0x0
R
0x323
PHY_SNAPSHOT_
DATA_BYTE4
[7:0]
PHY_SNAPSHOT_
DATA_BYTE4
Current data received. Represents
PHY_SNAPSHOT_DATA[39:32].
0x0
R
0x32C
SHORT_TPL_TEST_0
[7:4]
SHORT_TPL_SP_
SEL
Short transport layer sample select. Selects which
sample to check from a specific DAC.
0x0
R/W
0000
Sample 0.
0001
Sample 1.
0010
Sample 2.
0011
Sample 3.
0100
Sample 4.
0101
Sample 5.
0110
Sample 6.
0111
Sample 7.
1000
Sample 8.
1001
Sample 9.
1010
Sample 10.
1011
Sample 11.
1100
Sample 12.
1101
Sample 13.
1110
Sample 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com