Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 113 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 113 Page - Analog Devices

Back Button AD9173 Datasheet HTML 109Page - Analog Devices AD9173 Datasheet HTML 110Page - Analog Devices AD9173 Datasheet HTML 111Page - Analog Devices AD9173 Datasheet HTML 112Page - Analog Devices AD9173 Datasheet HTML 113Page - Analog Devices AD9173 Datasheet HTML 114Page - Analog Devices AD9173 Datasheet HTML 115Page - Analog Devices AD9173 Datasheet HTML 116Page - Analog Devices AD9173 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 113 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1111
Sample 15.
[3:2]
SHORT_TPL_M_SEL
Short transport layer test channel select. Select which
channel of the DAC to check.
0x0
R/W
00
Channel 0.
01
Channel 1.
10
Channel 2.
1
SHORT_TPL_TEST_
RESET
Short transport layer test reset. Resets the result of
short transport layer test.
0x0
R/W
0
Not reset.
1
Reset.
0
SHORT_TPL_TEST_
EN
Short transport layer test enable. Enable short
transport layer test.
0x0
R/W
0
Disable.
1
Enable.
0x32D
SHORT_TPL_TEST_1
[7:0]
SHORT_TPL_REF_
SP_LSB
Short transport layer reference sample, LSB. This
bit field is the lower eight bits of the expected DAC
sample during the short transport layer test and is
used to compare with the received sample at the
JESD204B Rx output.
0x0
R/W
0x32E
SHORT_TPL_TEST_2
[7:0]
SHORT_TPL_REF_
SP_MSB
Short transport layer test reference sample, MSB.
This bit field is the upper eight bits of the expected
DAC sample during the short transport layer test and
is used to compare with the received sample at the
JESD204B Rx output.
0x0
R/W
0x32F
SHORT_TPL_TEST_3
7
RESERVED
Reserved.
0x0
R/W
6
SHORT_TPL_IQ_
SAMPLE_SEL
Selects I or Q of the DAC to check the testing of the
short transport layer.
0
Select I data to test.
1
Select Q data to test.
[5:1]
RESERVED
Reserved.
0x0
R/W
0
SHORT_TPL_FAIL
Short transport layer test fail. This bit shows if the
selected DAC sample matches the expected sample
for the short transport layer test. If they match, the
test passes; otherwise, the test fails.
0x0
R
0
Test pass.
1
Test fail.
0x334
JESD_BIT_INVERSE_
CTRL
[7:0]
JESD_BIT_INVERSE
Logical lane invert. Each bit of this control inverses
the JESD204B deserialized data from one specific
JESD204B Rx PHY. Set Bit x high to invert the
JESD204B deserialized data on Logical Lane x.
0x0
R/W
0x400
DID_REG
[7:0]
DID_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x401
BID_REG
[7:0]
BID_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
0x402
LID0_REG
7
RESERVED
Reserved.
0x0
R
6
ADJDIR_RD
Received ILAS configuration on Lane 0. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com