Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 127 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 127 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 123Page - PMC-Sierra, Inc PM5356 Datasheet HTML 124Page - PMC-Sierra, Inc PM5356 Datasheet HTML 125Page - PMC-Sierra, Inc PM5356 Datasheet HTML 126Page - PMC-Sierra, Inc PM5356 Datasheet HTML 127Page - PMC-Sierra, Inc PM5356 Datasheet HTML 128Page - PMC-Sierra, Inc PM5356 Datasheet HTML 129Page - PMC-Sierra, Inc PM5356 Datasheet HTML 130Page - PMC-Sierra, Inc PM5356 Datasheet HTML 131Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
117
Register 0x24: S/UNI-622-MAX Transmit Sync. Message (S1)
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
TS1[3]
0
Bit 2
R/W
TS1[2]
0
Bit 1
R/W
TS1[1]
0
Bit 0
R/W
TS1[0]
0
TS1[3:0]:
The value written to these bit positions is inserted in the first S1 byte position
of the transmit stream. The S1 byte is used to carry synchronization status
messages between line terminating network elements. TS1[3] is the most
significant bit, corresponding to the first bit transmitted. TS1[0] is the least
significant bit, corresponding to the last bit transmitted.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com