Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 131 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 131 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 127Page - PMC-Sierra, Inc PM5356 Datasheet HTML 128Page - PMC-Sierra, Inc PM5356 Datasheet HTML 129Page - PMC-Sierra, Inc PM5356 Datasheet HTML 130Page - PMC-Sierra, Inc PM5356 Datasheet HTML 131Page - PMC-Sierra, Inc PM5356 Datasheet HTML 132Page - PMC-Sierra, Inc PM5356 Datasheet HTML 133Page - PMC-Sierra, Inc PM5356 Datasheet HTML 134Page - PMC-Sierra, Inc PM5356 Datasheet HTML 135Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
121
Register 0x30 (EXTD=1): RPOP Status/Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
IINVCNT
0
Bit 5
R/W
PSL5
0
Bit 4
R/W
Reserved
0
Bit 3
Unused
X
Bit 2
R
ERDIV[2]
X
Bit 1
R
ERDIV[1]
X
Bit 0
R/W
ERDIV[0]
X
NOTE: To facilitate additional register mapping, shadow registers have been
added to registers 0x30, 0x31 and 0x33. These shadow registers are accessed
in the same way as the normal registers.
The EXTD (extend register) bit must be set in register 0x36 to allow switching
between accessing the normal registers and the shadow registers.
The Status Register is provided at RPOP read address 0, if the extend register
(EXTD) bit is set in register 6.
ERDIV[2:0]:
The ERDIV[2:0] bits reflect the current state of the detected enhanced RDI,
(filtered G1 bits 5, 6, & 7).
IINVCNT:
When IINVCNT (Intuitive Invalid Pointer Counter) bit is set to 1, if the RPOP
pointer interpreter state machine is in the LOP state, a new pointer received 3
consecutive times resets the inv_point count. If this bit is set to 0, the
inv_point count will not be reset if pointer interpreter is in the LOP state and a
new pointer received 3 consecutive times.
PSL5:
The PSL5 bit controls the filtering of the path signal label byte (C2). When
PSL5 is set high, the PSL is updated when the same value is received for 5
consecutive frames. When the PSL5 is set low, the PSL is updated when the
same value is received for 3 consecutive frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com