Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 129 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 129 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 125Page - PMC-Sierra, Inc PM5356 Datasheet HTML 126Page - PMC-Sierra, Inc PM5356 Datasheet HTML 127Page - PMC-Sierra, Inc PM5356 Datasheet HTML 128Page - PMC-Sierra, Inc PM5356 Datasheet HTML 129Page - PMC-Sierra, Inc PM5356 Datasheet HTML 130Page - PMC-Sierra, Inc PM5356 Datasheet HTML 131Page - PMC-Sierra, Inc PM5356 Datasheet HTML 132Page - PMC-Sierra, Inc PM5356 Datasheet HTML 133Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
119
Register 0x30 (EXTD=0): RPOP Status/Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
Unused
X
Bit 5
R
LOPV
X
Bit 4
Unused
X
Bit 3
R
PAISV
X
Bit 2
R
PRDIV
X
Bit 1
R
NEWPTRI
X
Bit 0
R/W
NEWPTRE
0
NOTE: To facilitate additional register mapping, shadow registers have been
added to registers 0x30, 0x31 and 0x33. These shadow registers are accessed
in the same way as the normal registers.
The EXTD (extend register) bit must be set in register 0x36 to allow switching
between accessing the normal registers and the shadow registers.
This register allows the status of path level alarms to be monitored.
NEWPTRE:
The NEWPTRE bit is the interrupt enable for the receive new pointer status.
When NEWPTRE is a logic one, an interrupt is generated when the pointer
interpreter validates a new pointer.
NEWPTRI:
The NEWPTRI bit is the receive new pointer interrupt status bit. NEWPTRI is
a logic one when the pointer interpreter has validated a new pointer value
(H1, H2). NEWPTRI is cleared when this register is read.
PRDIV:
The PRDIV bit is read to determine the remote defect indication state. When
PRDIV is a logic one, the S/UNI-622-MAX has declared path RDI.
PAISV:
The PAISV bit is read to determine the path AIS state. When PAISV is a logic
one, the S/UNI-622-MAX has declared path AIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com