Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 167 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 167 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 163Page - PMC-Sierra, Inc PM5356 Datasheet HTML 164Page - PMC-Sierra, Inc PM5356 Datasheet HTML 165Page - PMC-Sierra, Inc PM5356 Datasheet HTML 166Page - PMC-Sierra, Inc PM5356 Datasheet HTML 167Page - PMC-Sierra, Inc PM5356 Datasheet HTML 168Page - PMC-Sierra, Inc PM5356 Datasheet HTML 169Page - PMC-Sierra, Inc PM5356 Datasheet HTML 170Page - PMC-Sierra, Inc PM5356 Datasheet HTML 171Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
157
Register 0x59: CSPI Status and Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R
ROOLV
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R/W
ROOLE
0
ROOLE:
The ROOLE bit enables the reference out of lock indication interrupt. When
ROOLE is set high, an interrupt is generated upon assertion and negation
events of the ROOLV register. When ROOLE is set low, changes in the
ROOL status do not generate an interrupt.
ROOLV:
The transmit reference out of lock status indicates the clock synthesis phase
lock loop is unable to lock to the reference clock on REFCLK. ROOLV is a
logic one if the divided down synthesized clock frequency is not within
approximately 488ppm of the REFCLK frequency. At startup, ROOLV may
remain high for several hundred millisecond while the PLL obtains lock.
When the AVD power supply of the S/UNI-622-MAX is subjected to a change
greater than the ±5% tolerance specified for the 3.3V analog supply pins, the
Clock Synthesis Unit may lose lock to the reference. When this occurs, the
ROOLV will remain high until the CSU is reset using the CSURESETLPF and
CSURSET registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com