Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 168 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 168 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 164Page - PMC-Sierra, Inc PM5356 Datasheet HTML 165Page - PMC-Sierra, Inc PM5356 Datasheet HTML 166Page - PMC-Sierra, Inc PM5356 Datasheet HTML 167Page - PMC-Sierra, Inc PM5356 Datasheet HTML 168Page - PMC-Sierra, Inc PM5356 Datasheet HTML 169Page - PMC-Sierra, Inc PM5356 Datasheet HTML 170Page - PMC-Sierra, Inc PM5356 Datasheet HTML 171Page - PMC-Sierra, Inc PM5356 Datasheet HTML 172Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
158
Register 0x5A: CSPI Clock Synthesis Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
CSURESET
0
Bit 5
R/W
CSURESETLPF
0
Bit 4
R/W
Reserved
0
Bit 3
Unused
X
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
The CSU Control register provides direct access to the CSU. When the CSU
does not lock properly (ROOLV remains high), the CSU may be re-initialized
using this register.
When the AVD power supply of the S/UNI-622-MAX is subjected to a change
greater than the ±5% tolerance specified for the 3.3V analog supply pins, the
Clock Synthesis Unit may lose lock to the reference clock. When this occurs, the
ROOLV will remain high until the CSU is reset using the CSURESETLPF and
CSURSET registers.
The S/UNI-622-MAX will operate normally if the power supply does not vary
beyond the specified ±5% tolerance.
CSURESETLPF:
The CSU low pass filter (LPF) reset control CSURESETLPF bit provides a
software reset for the CSU-622 ABC. When CSURESETLPF is set high, the
CSU RESETLPF input is set high forcing the CSU LPF into reset. When
CSURESETLPF is set low, the CSU RESETLPF input is controlled by the
system reset.
The CSURESETLPF and CSURESET should be held high for 10ms to
properly reset the CSU.
CSURESET:
The CSU reset control CSURESET bit provides a software reset for the CSU-
622 ABC. When CSURESET is set high, the CSU RESET input is set high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com