Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 172 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 172 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 168Page - PMC-Sierra, Inc PM5356 Datasheet HTML 169Page - PMC-Sierra, Inc PM5356 Datasheet HTML 170Page - PMC-Sierra, Inc PM5356 Datasheet HTML 171Page - PMC-Sierra, Inc PM5356 Datasheet HTML 172Page - PMC-Sierra, Inc PM5356 Datasheet HTML 173Page - PMC-Sierra, Inc PM5356 Datasheet HTML 174Page - PMC-Sierra, Inc PM5356 Datasheet HTML 175Page - PMC-Sierra, Inc PM5356 Datasheet HTML 176Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
162
Register 0x5D: CRSI Status
Bit
Type
Function
Default
Bit 7
R
LOCK
X
Bit 6
R
LOTV
X
Bit 5
R
ROOLV
X
Bit 4
R
DOOLV
X
Bit 3
Unused
X
Bit 2
R/W
LOTE
0
Bit 1
R/W
ROOLE
0
Bit 0
R/W
DOOLE
0
DOOLE:
The DOOLE bit is an interrupt enable for the recovered data out of lock
status. When DOOLE is set to logic one, an interrupt is generated upon
assertion events of the DOOLV register. When ROOLE is set low, changes in
the DOOL status do not generate an interrupt.
ROOLE:
The ROOLE bit enables the reference out of lock indication interrupt. When
ROOLE is set high, an interrupt is generated upon assertion and negation
events of the ROOLV register. When ROOLE is set low, changes in the
ROOL status do not generate an interrupt.
LOTE:
The LOTE bit enables the loss of transition indication interrupt. When LOTE
is set high, an interrupt is generated upon assertion events of the LOTV
register. When LOTE is set low, changes in the LOTV status do not generate
an interrupt.
DOOLV:
The recovered data out of lock status indicates the clock recovery phase
locked loop is unable to recover and lock to the input data stream. DOOLV is
a logic one if the divided down recovered clock frequency is not within
approximately 488ppm of the REFCLK frequency or if no transitions have
occurred on the RXD input for more than 96 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com